Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1608 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CS1608
Description  Typical Performance Characteristics
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS1608 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CS1608 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS1608 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS1608 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS1608 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS1608 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS1608 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS1608 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Name
Ceramic dielectric
Internal electrode
Terminal Electrode
Intermediate
External
5
SMD Type
MULTI-LAYER CERAMIC CAPACITORS
TYPE DESIGNATION (HOW TO ORDER)
CAPACITANC CODE
(picofarads)
1st two digits are
significant; third digit
denotes number of
zeros:
331=330pF
R denotes decimal
8R2=8.2pF
See chart capacitance
range
TOLERANCE CODE
¶IB = °æ
0.1 pF
¶IC = °æ
0.25 pF
¶ID = °æ
0.5 pF
F = °æ
1%
G= °æ
2%
J = °æ
5%
K = °æ
10%
M= °æ
20%
Z = +80~-20%
P = +100~-0%
¶IFor capacitance values
below 10 pF only.
DIELECTRIC CODE
C0G
X7R
Z5U
Y5V
PACKING CODE
B = BULK PACK
R = REEL PACK
TYPE CODE
SIZE CODE
See chart
TERMINAL CODE
P = Palladium Silver
S = Silver
N = Nickel
VOLTAGE CODE
1st two digits are
significant: third digit
denotes number of
zeros.
Standard Voltages :
250 = 25 VDCW
500 = 50 VDCW
CS
2012
Z5U
104
M
500
N
R
No.
1
2
3
4
5
Material
Ceramics
Palladium Silver
Silver
Nickel
Solder
Electric
plating



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com