Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSA708 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSA708
Description  NPN/PNP EPITAXIAL PLANAR SILICON TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA708 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSA708 Datasheet HTML 1Page - Continental Device India Limited CSA708 Datasheet HTML 2Page - Continental Device India Limited CSA708 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
NPN/PNP EPITAXIAL PLANAR SILICON TRANSISTORS
CSC1008 NPN
CSA708
PNP
TO-92
CBE
Low Frequency Amplifier.
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C unless otherwise specified)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
80
V
Collector -Emitter Voltage
VCEO
60
V
Emitter -Base Voltage
VEBO
8.0
V
Collector Current
IC
700
mA
Collector Dissipation
PC
800
mW
Operating And Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
CSC1008
CSA708
UNIT
Collector -Base Voltage
VCBO
IC=100uA.IE=0
>80
>80
V
Collector -Emitter Voltage
VCEO
IC=10mA,IB=0
>60
>60
V
Emitter-Base Voltage
VEBO
IE=100uA, IC=0
>8.0
>8.0
V
Collector-Cut off Current
ICBO
VCB=60V, IE=0
<100
<100
nA
Emitter-Cut off Current
IEBO
VEB=5V, IC=0
<100
<100
nA
DC Current Gain
hFE*
IC=50mA,VCE=2V
40-400
40-240
Collector Emitter Saturation Voltage
VCE(Sat)* IC=500mA,IB=50mA
<0.4
<0.7
V
Base Emitter Saturation Voltage
VBE(Sat) * IC=500mA,IB=50mA
<1.1
<1.1
V
DYNAMIC CHARACTERISTICS
Transition Frequency
ft
IC=50mA, VCE=10V
>30
typ50
MHz
Out-Put Capacitance
Cob
VCB=10V, IE=0
typ8
typ13
pF
f=1MHz
*hFE CLASSIFICATION
CSC1008
R : 40 - 80
O : 70 -140
Y : 120-240
G : 200-400
CSA708
R : 40 - 80
O : 70 -140
Y : 120-240
*Pulse Test: PW=350us, Duty Cycle=2%
IS/ISO 9002
Lic# QSC/L- 000019.2
IS / IECQC 700000
IS / IECQC 750100
Continental Device India Limited
Data Sheet
Page 1 of 3


Similar Part No. - CSA708

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA709 CDIL-CSA709 Datasheet
94Kb / 3P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
CSA709G CDIL-CSA709G Datasheet
94Kb / 3P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
CSA709O CDIL-CSA709O Datasheet
94Kb / 3P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
CSA709Y CDIL-CSA709Y Datasheet
94Kb / 3P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
More results

Similar Description - CSA708

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1343 SANYO-2SA1343 Datasheet
331Kb / 5P
PNP /NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Continental Device Indi...
2N4400 CDIL-2N4400 Datasheet
153Kb / 6P
NPN PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Sanyo Semicon Device
2SC4361 SANYO-2SC4361 Datasheet
88Kb / 2P
PNP/NPN Epitaxial Planar Silicon Transistors
logo
Continental Device Indi...
CSA709 CDIL-CSA709 Datasheet
94Kb / 3P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Sanyo Semicon Device
2SA1420 SANYO-2SA1420 Datasheet
94Kb / 2P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Guangdong Kexin Industr...
2SB1394 KEXIN-2SB1394 Datasheet
55Kb / 2P
PNP/NPN Epitaxial Planar Silicon Transistors
logo
Seme LAB
BUX77A SEME-LAB-BUX77A_09 Datasheet
98Kb / 3P
SILICON PLANAR EPITAXIAL NPN/PNP TRANSISTORS
logo
SEMTECH ELECTRONICS LTD...
MMBT5451DW SEMTECH_ELEC-MMBT5451DW Datasheet
410Kb / 6P
NPN/PNP Silicon Epitaxial Planar Transistors
logo
DONGGUAN YOU FENG WEI E...
MMBT3946DW YFWDIODE-MMBT3946DW Datasheet
636Kb / 6P
NPN / PNP Silicon Epitaxial Planar Transistors
MMBT4413DW YFWDIODE-MMBT4413DW Datasheet
560Kb / 6P
NPN / PNP Silicon Epitaxial Planar Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com