Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6004DN8 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMS6004DN8
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6004DN8 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMS6004DN8 Datasheet HTML 1Page - Diodes Incorporated ZXMS6004DN8 Datasheet HTML 2Page - Diodes Incorporated ZXMS6004DN8 Datasheet HTML 3Page - Diodes Incorporated ZXMS6004DN8 Datasheet HTML 4Page - Diodes Incorporated ZXMS6004DN8 Datasheet HTML 5Page - Diodes Incorporated ZXMS6004DN8 Datasheet HTML 6Page - Diodes Incorporated ZXMS6004DN8 Datasheet HTML 7Page - Diodes Incorporated ZXMS6004DN8 Datasheet HTML 8Page - Diodes Incorporated ZXMS6004DN8 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ZXMS6004DN8
Document number: DS38040 Rev. 2 - 2
2 of 9
www.diodes.com
August 2015
© Diodes Incorporated
ZXMS6004DN8
Functional Block Diagram
Application Information
Two completely isolated independent channels
Especially suited for loads with a high in-rush current such as lamps and motors
All types of resistive, inductive and capacitive loads in switching applications
μC compatible power switch for 12V and 24V DC applications
Replaces electromechanical relays and discrete circuits
Linear Mode Capability
— the current-limiting protection circuitry is designed to deactivate at low VDS to minimize on-state power dissipation
The maximum DC operating current is therefore determined by the thermal capability of the package or board combination, rather than by the
protection circuitry. This does not compromise the product’s ability to self-protect at low VDS
Absolute Maximum Ratings (@TA = +25°C, unless otherwise stated.)
Characteristic
Symbol
Value
Units
Continuous Drain-Source Voltage
VDS
60
V
Drain-Source Voltage For Short Circuit Protection
VDS(SC)
36
V
Continuous Input Voltage
VIN
-0.5 to +6
V
Continuous Input Current @ -
0.2V ≤ VIN ≤ 6V
Continuous Input Current @VIN < -0.2V or VIN > 6V
IIN
No limit
│IIN │≤2
mA
Pulsed Drain Current @VIN = 3.3V
IDM
2
A
Pulsed Drain Current @VIN = 5V
IDM
2.5
A
Continuous Source Current (Body Diode) (Note 5)
IS
1
A
Pulsed Source Current (Body Diode)
ISM
5
A
Unclamped Single Pulse Inductive Energy,
TJ = +25°C, ID = 0.5A, VDD = 24V
EAS
120
mJ
Electrostatic Discharge (Human Body Model)
VHBM
4,000
V
Charged Device Model
VCDM
1,000
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com