Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT4Y-2P2 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # CT4Y-2P2
Description  programmable counter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CT4Y-2P2 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button CT4Y-2P2 Datasheet HTML 9Page - List of Unclassifed Manufacturers CT4Y-2P2 Datasheet HTML 10Page - List of Unclassifed Manufacturers CT4Y-2P2 Datasheet HTML 11Page - List of Unclassifed Manufacturers CT4Y-2P2 Datasheet HTML 12Page - List of Unclassifed Manufacturers CT4Y-2P2 Datasheet HTML 13Page - List of Unclassifed Manufacturers CT4Y-2P2 Datasheet HTML 14Page - List of Unclassifed Manufacturers CT4Y-2P2 Datasheet HTML 15Page - List of Unclassifed Manufacturers CT4Y-2P2 Datasheet HTML 16Page - List of Unclassifed Manufacturers CT4Y-2P2 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
L26=
Kjlqp ikab
Ekqjp `e^np
gWIU
yKPC? Wl `kqjpfjd fjlqp
KPD? Fksj `kqjpfjd fjlqp
yYebj _kpe KPC ^ja KPD ^nb
^llhfba pk N2BJ1 fp sfhh nbi^fj
lnbrfkqo `kqjpfjd r^hqb3
gWIV
yYebj qob C1D le^ob kc bj`kabn
sfpe `kjjb`pfjd pk KPC1 KPD1
lhb^ob obp `kqjpbn fjlqp ikab
-\`. ^o le^ob afccbnbjp fjlqp
-gWIV.3
J
N
J
N
W\P
W\O
5
6
7
8
Qv{uz
|is{m
5
5
J
N
J
N
W\P
W\O
6
7
8
Qv{uz
|is{m
5
ssss
Qlbn^pfkj
KPC
-KPD.
Jfde
Nks
QP
Vkj
yVkj1 Vkcc ? Ofj3 ofdj^h sfape
QHH
QP
QHH
Vkcc
V
brs| p~wm}sxw s| }x |o} kwn swnsmk}o mkum~uk}on ~ws} px{ km}~ku uowq}rA usz~sn vok|~{oA yx|s}sxw o}mC Y} s| mkuuon
<^{o|mkuo *ku~o< px{ vok|~{on uowq}rA vok|~{on usz~snA vok|~{on yx|s}sxwA o}m yo{ F y~u|oC
Vx{ o,kvyuoA ^ s| }ro w~vlo{ xp y~u|o| yo{ F {o*xu~}sxw xp k {x}k{- owmxno{ kwn Z s| }ro no|s{on uowq}r }x
lo vok|~{onC ^{o|mkuo *ku~o s| i}ro no|s{on uowq}r ?Z@jDi}ro w~vlo{ xp y~u|o| ?^@ yo{ F {o*xu~}sxw xp }ro
{x}k{- owmxno{CjC Y} s| }ro uowq}r yo{ F y~u|o xp k {x}k{- owmxno{C
Gt.Ekjpnkh hbjdpe _u peb `kqjpbn ^ja peb nkp^nu bj`kabn
brs| p~wm}sxw s| }rk} |}k{} yxsw} *ku~o +x{t| k| sws}sku *ku~o +row xw mx~w}swq vxnoC
zYw mk|o xp <W`<A <W`IL<x{<W`IM< sw }svo{ swy~} vxnoA s} s| wx} k*ksukluoC
zerow {o|o} s| kyyusonA }ro y{o|ow} *ku~o s| sws}skus.on }x |}k{} yxsw}C
zQp}o{ mx~w} ~y sw <V<A <d<A <b<x{<c< x~}y~} vxnoA y{o|o} *ku~o |}k{}| k} |}k{} yxsw} *ku~oC
bx mxw}{xu mxw*o-x{ yx|s}sxw sw ECFvvA |o} }ro nomsvku yxsw} }x }ow}r yukmo?
IIIIIJI@ sw nomsvku yxsw} |o}}swq
vxno?Wb@ kwn |o} }ro y{o|mkuo nomsvku yxsw} }x }rx~|kwn}r yukmo?
IIIJIII@ sw y{o|mkuo nomsvku yxsw} |o}}swq
vxno?ejWb@C brow |o} y{o|mkuo *ku~o <ECEKN< sw y{o|mkuo |o}}swq vxno?eV^@C
535;>ii4lqhob
83696; x 77
6555
^xvoxittijsm Qv{uzmxCbqtmx
0^xmykism n{ukzqvu>Qv{uzmx?
Okpkn `kjpnkhhfjd
ouopbi
Ekqjpbn
Eqppbn
Tkp^nu bj`kabn
Okpkn
Rqhhbu
0azixz wvquz n{ukzqvu>Qv{uzmx?
0Wuw{z vwmxizqvu tvlm>Qv{uzmx?
-Wl4Fksj2D.
-Wl4Fksj2E.
9
8
7
8
9
7
7
6
7
8
yVeb ib^jfjd kc +J+ ^ja +N+
Xkhp^db fjlqp
-PRP.
Pk2Xkhp^db fjlqp
-RPR.
J
N
:285XFE
527XFE
Ueknp `fn`qfp
Qlbj
y6 |sqwku +sn}r |rx~un lo x*o{ vswC |sqwku +sn}r kwn 7 |sqwku +sn}r |rx~un lo x*o{ k rkup vswC |sqwku +sn}rC
Yp wx}A /F +suu xmm~{C
yOfj3 ofdj^h sfape _u `kqjpfjd olbba
6`lo
:55io
85`lo
6g`lo
:g`lo
65g`lo
6;3<io
53:io
536io
535:io
Ekqjpfjd olbba Ofj3 ofdj^h sfape
z
Rnbo`^hb r^hqb A
A
A
~ x Ff^ibpbn kc peb lqhhu-F.
Veb jqi_bn kc lqhobo lbn
6 nbrkhqpfkj kc peb bj`kabn
\Kj `^ob kc 77ii af^ibpbn-F. kc Rqhhbu `kjjb`pba
sfpe peb bj`kabn kc 61555 lqhob]
>P?
Tqjmx
vwzqk
ymuyvx
>]?
amuyvx
kvuzxvssmx
>S?
^xmyy{xm
ymuyvx
>T?
`vzix*
mukvlmx
>\?
Rqywsi*
{uqz
>W?
aa`C
^v}mx
kvuzxvssmx
>^?
a}qzkpquo
wv}mx
y{wws*
>R?
^xv~qtqz*
ymuyvx
>_?
azmwwquo
tvzvx =
Rxq|mx =
Qvuzxvssmx
>`?
UxiwpqkC
Zvoqk
wiums
>[?
bikpvC
awmmlC
^{sym
tmzmx
>Z?
^iums
tmzmx
>O?
^pvzv
msmkzxqk
ymuyvx
>a?
Tqmsl
umz}vxr
lm|qkm
>Q?
RvvxCOxmi
ymuyvx
>U?
QvuumkzvxC
avkrmz
>V?
bmtwB
kvuzxvssmx
>X?
Qv{uzmx
>Y?
bqtmx
>b?
^xvl{kzqvu
yzvwwiom
tvlmsy =
xmwsikmtmuz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com