Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DILEM4-G Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DILEM4-G
Description  Mini Contactors for Motors and Resistive Loads
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DILEM4-G Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DILEM4-G Datasheet HTML 1Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 2Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 3Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 4Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 5Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 6Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 7Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 8Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
02/13/2015
012701 - HPL-ED2014 V9.0 EN
2 / 12
Mounting position
 
 
Mechanical shock resistance (IEC/EN 60068-2-27)
 
 
 
Half-sinusoidal shock, 10 ms
 
 
 
Basic unit without auxiliary contact module
 
 
 
Main contacts, make contacts
 
g
10
Basic unit with auxiliary contact module
 
 
 
Main contacts make contact
 
g
 
Make
 
g
10
Auxiliary contacts Make/break contacts
 
g
20 / 20
Degree of Protection
 
 
IP20
Protection against direct contact when actuated from front (EN 50274)
 
 
Finger and back-of-hand proof
Weight
 
kg
0.17
Terminal capacity of auxiliary and main contacts
 
 
 
Screw terminals
 
 
 
Solid
 
mm2
1 x (0.75 - 2.5)
2 x (0.75 - 2.5)
Flexible with ferrule
 
mm2
1 x (0.75 - 1.5)
2 x (0.75 - 1.5)
Solid or stranded
 
AWG
18 - 14
Terminal screw
 
 
M3.5
Pozidriv screwdriver
 
Size
2
Standard screwdriver
 
mm
0.8 x 5.5
1 x 6
Max. tightening torque
 
Nm
1.2
Main￿conducting￿paths
Rated impulse withstand voltage
Uimp
V AC
6000
Overvoltage category/pollution degree
 
 
III/3
Rated insulation voltage
Ui
V AC
690
Rated operational voltage
Ue
V AC
690
Safe isolation to EN 61140
 
 
 
between coil and contacts
 
V AC
300
between the contacts
 
V AC
300
Making capacity (cos ϕ to IEC/EN 60947)
 
A
110
Breaking capacity
 
 
 
220 V 230 V
 
A
90
380 V 400 V
 
A
90
500 V
 
A
64
660 V 690 V
 
A
42
Short-circuit protection maximum fuse
 
 
 
Type “2” coordination
gL/gG
A
10
Type “1” coordination
gL/gG
A
20
AC
AC-1
 
 
 
Rated operational current
 
 
 
Conventional free air thermal current, 3 pole, 50 - 60 Hz
 
 
 
Open
 
 
 
at 40 °C
Ith=Ie
A
22
at 50 °C
Ith=Ie
A
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com