Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C320PC4 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # C320PC4
Description  IEC Contactors & Starters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C320PC4 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  C320PC4 Datasheet HTML 1Page - List of Unclassifed Manufacturers C320PC4 Datasheet HTML 2Page - List of Unclassifed Manufacturers C320PC4 Datasheet HTML 3Page - List of Unclassifed Manufacturers C320PC4 Datasheet HTML 4Page - List of Unclassifed Manufacturers C320PC4 Datasheet HTML 5Page - List of Unclassifed Manufacturers C320PC4 Datasheet HTML 6Page - List of Unclassifed Manufacturers C320PC4 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
March 2008
CA08102001E
For more information visit: www.eaton.com
34-319
IEC Contactors & Starters
34
Freedom
Accessories
DC/AC Interface Module
The Catalog Number
C320DC Interface
Module is an optically
isolated solid-state
switch which provides
a means of operating
AC coils with a 5 – 48V
DC control signal. It
acts as a space saving
interposing relay which
can switch a specified 50/60 Hz AC
source to the contactor or starter coil.
The module may be directly attached
to the coil terminals of any Freedom
Series contactor or starter — NEMA
Sizes 00 – 3, IEC Sizes A – N and light-
ing contactors 10 – 100A. It also has
provisions for DIN rail mounting.
The module will operate coils within
the voltage ranges shown below.
Design Characteristics
■ DC Input: 5 – 48V DC ±10% at
mA nominal
■ AC Operating Voltage: 240V AC
max. (360 VA) ±10% 50/60 Hz
■ DC Operating Voltage: 30V DC max.
(5A)
■ AC Current Rating:
❑ 10A make (inrush)
❑ 1A break (sealed)
Table 34-419. Controller Coil Voltage Ranges
Table 34-420. Product Selection
Controller Catalog
Number Prefix
Controller
Size or
Rating
Coil
Range
Volts AC
AE16, AE17, AE56,
AE57, CE15, CE55
A – F
G – K
L – N
24 – 240
48 – 240
110 – 240
AN16, AN56, CN15,
CN55
00 – 0
1 – 2
3
24 _ 240
48 – 240
110 – 240
CN35
10 – 30A
60A
100A
24 – 240
48 – 240
110 – 240
Coil
Voltage
Catalog
Number
Price
U.S. $
6V DC
9V DC
C320DC2V6
C320DC2V9
12V DC
24V DC
48V DC
C320DC2V12
C320DC2V24
C320DC2V48
Cat. No.
C320DC
Adhesive Dust Cover
NEMA Sizes 00 – 2, IEC Sizes A – K
These adhesive stickers come 25 to a
package and provide extra protection
from contaminants when applied to
the sides of Freedom NEMA Sizes
00 – 2 and IEC Sizes A – K. Adhesive
covers are easily applied to side open-
ing where auxiliaries are not installed
and provide extra protection from
metal filings and other debris.
Table 34-421. Product Selection
Add-On Power Pole Kit
NEMA Sizes 00 – 2, IEC A – K
This device mounts on the side of Freedom NEMA Size 00 – 2 and IEC Size A – K
contactors. One unit can be mounted on each side and carries UL, cUL and IEC rat-
ings. The device is rated for resistive, inductive and lighting applications.
Table 34-422. Product Selection — Add-On Power Pole Kit
Description
Catalog
Number
Price
U.S. $
25 to a package
C320DSTCVR
UL Ampere Rating
IEC 947 Ampere Rating
1NO
Power
Pole
Catalog
Number
Price
U.S. $
Inductive
600V
Resistive
600V
hp
1-Phase
Locked
Rotor
240V
Lighting
Ballast
Tungsten
480V
AC-1
600V
AC-3
600V
AC-5a
AC-5b
480V
115V 230V
15
20
1/2
2
96
20
20
12
18
C320PPD10
Discount Symbol . . . . . . . . . . . . . . . . . . . . . . . 1CD1C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com