Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C320LS1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C320LS1
Description  IEC Contactors & Starters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C320LS1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C320LS1 Datasheet HTML 1Page - List of Unclassifed Manufacturers C320LS1 Datasheet HTML 2Page - List of Unclassifed Manufacturers C320LS1 Datasheet HTML 3Page - List of Unclassifed Manufacturers C320LS1 Datasheet HTML 4Page - List of Unclassifed Manufacturers C320LS1 Datasheet HTML 5Page - List of Unclassifed Manufacturers C320LS1 Datasheet HTML 6Page - List of Unclassifed Manufacturers C320LS1 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
March 2008
CA08102001E
For more information visit: www.eaton.com
34-313
IEC Contactors & Starters
34
Freedom
Accessories
Auxiliary Contacts
NEMA Sizes 00 – 2 — IEC Sizes A – K
The auxiliary contacts listed below are designed for installa-
tion on Freedom Series starters and contactors. Snap-on
design facilitates quick, easy installation.
These bifurcated design contact blocks, featuring silver
cadmium alloy contacts, are well suited for use in very low
energy (logic level) circuits.
Table 34-397. Selection Product
Note: NCI = Normally Closed early opening designed for use in
reversing applications. EC = Early Closing. LO = Late Opening.
For reference only — not part of Catalog Number. See above right.
Contact Configuration Code
This two-digit code is found on the auxiliary contact to assist
in identifying the specific contact configuration. The first
digit indicates the quantity of NO contacts and the second
indicates the quantity of NC contacts.
NEMA Sizes 3 – 8 — IEC Sizes L – Z
Table 34-398. Product Selection
For reference only — not part of Catalog Number. See above.
NO-NC occupies two positions — L2 and L3, or R2 and R3. See next
page.
Description
Contact
Configuration
Code
Catalog
Number
Price
U.S. $
Side Mounted
1NO
1NO (Logic Level)
1NC
10
10
01
C320KGS1
C320KGS1L
C320KGS2
1NO-1NC
1NO-1NC (Logic Level)
2NO
2NO (Logic Level)
2NC
1NO-1NCI
1NO (EC)-1NC (LO)
1NCI
11
11
20
20
02
N/A
N/A
N/A
C320KGS3
C320KGS3L
C320KGS4
C320KGS4L
C320KGS5
C320KGS6
C320KGS7
C320KGS8
Top Mounted
1NO
1NC
10
01
C320KGT1
C320KGT2
1NO-1NC
1NO-1NC (Logic Level)
2NO
2NC
1NO-1NCI
1NO (EC)-1NC (LO)
1NCI
11
11
20
02
N/A
N/A
N/A
C320KGT3
C320KGT3L
C320KGT4
C320KGT5
C320KGT6
C320KGT7
C320KGT8
3NO
2NO-1NC
1NO-2NC
3NC
4NO
30
21
12
03
40
C320KGT9
C320KGT10
C320KGT11
C320KGT12
C320KGT13
3NO-1NC
2NO-2NC
2NO-2NC (Logic Level)
1NO-3NC
4NC
3NO-1NCI
31
22
22
13
04
N/A
C320KGT14
C320KGT15
C320KGT15L
C320KGT16
C320KGT17
C320KGT18
2NO-1NCI-1NC
2NO-1NO (EC)-1NC (LO)
1NO-1NC-1NO (EC)-1NC (LO)
N/A
N/A
N/A
C320KGT19
C320KGT20
C320KGT21
Side Mounted
Top Mounted
Circuit
Contact
Configuration
Code
Catalog Number
Price
U.S. $
Base Auxiliary Contacts — NEMA Sizes 3 – 5, IEC Sizes L – S
NEMA Size 3
IEC Sizes L – N
NEMA Sizes 4 – 5
IEC Sizes P – S
NO
NO-NC
10
11
C320KGS31
C320KGS32
C320KGS41
C320KGS42
Auxiliary Contacts — NEMA Sizes 3 – 5, IEC Sizes L – S
Catalog Number
NO
NC
NO-NC
10
01
11
C320KGS20
C320KGS21
C320KGS22
Auxiliary Contacts — NEMA Sizes 6 – 8, IEC Sizes T – Z
Size
Catalog Number
NO-NC
2NO-2NC
2NO-2NC
11
22
22
NEMA 8, IEC Z
NEMA 6 – 7
IEC T – X
C320KA5
C320KA6
C320KA8
Discount Symbol . . . . . . . . . . . . . . . . . . . . . . . 1CD1C
Base Auxiliary Contact
Cat. No. C320KGS42
Auxiliary Contact
Cat. No. C320KGS22


Similar Part No. - C320LS1

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C320 KEMET-C320 Datasheet
580Kb / 40P
MILITARY SPECIFCATIONS ON BACK
C320 KEMET-C320 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
C320 KEMET-C320 Datasheet
971Kb / 16P
MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
logo
Coilcraft lnc.
C320 COILCRAFT-C320 Datasheet
8Mb / 60P
MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
NOVEMBER 2021
C320 COILCRAFT-C320 Datasheet
100Kb / 1P
Designer’s Kits
More results

Similar Description - C320LS1

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
100S-D ALLEN-BRADLEY-100S-D Datasheet
86Kb / 8P
Safety Contactors
logo
List of Unclassifed Man...
LC1-D40 ETC1-LC1-D40 Datasheet
271Kb / 8P
CONTACTORS / REVERSING CONTACTORS
LC1D18P7 ETC2-LC1D18P7 Datasheet
13Mb / 252P
TeSys??IEC-Style Contactors and Starters
LC1K0910F7 ETC2-LC1K0910F7 Datasheet
5Mb / 56P
TeSys짰 IEC Contactors and Starters
LC1D18F7 ETC2-LC1D18F7 Datasheet
13Mb / 252P
TeSys??IEC-Style Contactors and Starters
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
NEMA Contactors & Starters Freedom
AN14AN0A3E005 ETC-AN14AN0A3E005 Datasheet
226Kb / 4P
NEMA Contactors & Starters 33-79
C25DNA215AA161-84 ETC-C25DNA215AA161-84 Datasheet
827Kb / 5P
Definite Purpose Contactors & Starters
V201K4CJ ETC2-V201K4CJ Datasheet
425Kb / 10P
Vacuum Contactors & Starters
logo
Schneider Electric
LAD311 SCHNEIDER-LAD311 Datasheet
95Kb / 2P
MOUNTING BRACKET, IEC CONTACTORS
Jun 7, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com