Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC04F Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC04F
Description  Hex Inverter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC04F Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54AC04F Datasheet HTML 1Page - National Semiconductor (TI) 54AC04F Datasheet HTML 2Page - National Semiconductor (TI) 54AC04F Datasheet HTML 3Page - National Semiconductor (TI) 54AC04F Datasheet HTML 4Page - National Semiconductor (TI) 54AC04F Datasheet HTML 5Page - National Semiconductor (TI) 54AC04F Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
54AC04
Hex Inverter
General Description
The AC04 contains six inverters.
Features
n ICC reduced by 50% on 54AC only
n Outputs source/sink 24 mA
n ’ACT04 has TTL-compatible inputs
n Standard Military Drawing (SMD)
— ’AC04: 5962–87609
n For Military 54ACT04 device see 54ACTQ04
Logic Symbol
Connection Diagrams
Pin Names
Description
A
n
Inputs
O
n
Outputs
FACT® is a registered trademark of Fairchild Semiconductor Corporation.
IEEE/IEC
DS100259-1
Pin Assignment
for DIP and Flatpak
DS100259-3
Pin Assignment
for LCC
DS100259-2
August 1998
© 1998 National Semiconductor Corporation
DS100259
www.national.com


Similar Part No. - 54AC04F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC04FMQB NSC-54AC04FMQB Datasheet
25Kb / 5P
Hex Inverter
More results

Similar Description - 54AC04F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
Hex inverter
1991 Feb 08
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
Hex inverter
2003 Jul 23
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
Hex inverter
1997 Jun 30
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
Hex Inverter
74F04 FAIRCHILD-74F04 Datasheet
48Kb / 4P
Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
Hex Inverter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com