Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP03 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MSP03
Description  Thick Film Resistor Networks Single-In-Line, Molded SIP 01, 03, 05 Schematics 6, 8, 9 or 10 Pin A Profile and 6, 8 or 10 Pin C Profile
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSP03 Datasheet(HTML) 4 Page - Vishay Siliconix

  MSP03 Datasheet HTML 1Page - Vishay Siliconix MSP03 Datasheet HTML 2Page - Vishay Siliconix MSP03 Datasheet HTML 3Page - Vishay Siliconix MSP03 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.vishay.com
41
MSP
Vishay Dale
Document Number: 31510
Revision 25-Oct-00
For Technical Questions, contact: ff2aresistors@vishay.com
Thick Film Resistor Networks, Single-In-Line, Molded SIP
MSP10A Package
MSP08A Package
MSP06A Package
Single Resistor
03
01 and 05
MSP10A
1.25 watts
MSP09A
1.12 watts
MSP08A
1.00 watts
MSP06A
0.75 watts
Derating
"A" PROFILE + 70
°C PACKAGE RATINGS
Higher power ratings available. Contact factory.
MSP10C
1.60 watts
MSP08C
1.30 watts
MSP06C
1.00 watts
"C" PROFILE + 70
°C PACKAGE RATINGS
"A" Profile
TEST
Power Conditioning
Thermal Shock
Short Time Overload
Low Temperature Operation
Moisture Resistance
Resistance to Soldering Heat
Shock
Vibration
Load Life
Terminal Strength
Insulation Resistance
Dielectric Withstanding Voltage
MAX.
∆R (Typical Test Lots)
± 0.50% ∆R
± 0.50% ∆R
± 0.25% ∆R
± 0.25% ∆R
± 0.50% ∆R
± 0.25% ∆R
± 0.25% ∆R
± 0.25% ∆R
± 1.00% ∆R
± 0.25% ∆R
—
—
CONDITIONS
1.5 x rated power, applied 1.5 hours “ON” and 0.5 hour “OFF” for 100
hours
± 4 hours at + 25°C ambient temperature
5 cycles between - 65
°C and + 125°C
2.5 x rated working voltage 5 seconds
45 minutes at full rated working voltage at - 65
°C
240 hours with humidity ranging from 80% RH to 98% RH
Leads immersed in + 260
°C solder to within 1/16" of device body for 10
seconds
Total of 18 shocks at 100 G's
12 hours at maximum of 20 G's between 10 and 2,000 HZ
1000 hours at + 70
°C, rated power applied 1.5 hours “ON”, 0.5 hour
“OFF” for full 1,000 hour period. Derated according to the curve.
4.5 pound pull for 30 seconds
10,000 Megohm (minimum)
PERFORMANCE
Ambient Temperature
°C
- 50
+ 25
+ 70
+ 125
+ 150
3.00
1.50
1.15
.30
.45
Derating
3.00
2.50
2.00
1.50
.60
.38
01 and 05
Single Resistor
03
MSP06C Package
MSP08C Package
MSP10C Package
"C" Profile
- 50
+ 25
+ 70
+ 125
+ 150
Ambient Temperature
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com