Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCBGA Datasheet(PDF) 2 Page - Amkor Technology

Part # FCBGA
Description  Package sizes from 10 mm to 55 mm (60 mm and 65 mm in development)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

FCBGA Datasheet(HTML) 2 Page - Amkor Technology

  FCBGA Datasheet HTML 1Page - Amkor Technology FCBGA Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LAMINATE
Data Sheet
Questions? Contact us: marketing@amkor.com
With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or that the use of such information will not infringe upon the intellectual rights of third parties. Amkor shall not
be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon it and no patent or other license is implied hereby. This document does not in any way extend or modify Amkor’s
warranty on any product beyond that set forth in its standard terms and conditions of sale. Amkor reserves the right to make changes in its product and specifications at any time and without notice. The Amkor name
and logo are registered trademarks of Amkor Technology, Inc. All other trademarks mentioned are property of their respective companies. © 2015, Amkor Technology Incorporated. All Rights Reserved.
Visit Amkor Technology online for locations and
to view the most current product information.
DS831C
Rev Date: 9/15
Cross-section FCBGA
Additional Package Options
• Wafer Node -≥ 28 nm qualified, 20 nm in development
• SMT components on top or bottom side
• Multi-die capability
• Memory components on top side
• Variety of lid material options
• Grounded lid
• Custom BGA footprints
Test Services
• Program generation/conversion
• Product engineering
• Available test/handling technology
• Burn-in capabilities
Shipping
• Standard JEDEC trays
FCBGA
Lidded FCBGA
Bare Die FCBGA
Configuration Options
Full Array Ball Counts (Ball Count Shown Indicates Maximum Package Size Produced to Date)
Body
Size
0.4 mm
0.5 mm
0.65 mm
0.8 mm
1 mm
Body
Size
0.4 mm
0.5 mm
0.65 mm
0.8 mm
1 mm
Ball Count Ball Count Ball Count Ball Count Ball Count
Ball Count Ball Count Ball Count Ball Count Ball Count
10
576
361
196
121
81
31
1369
900
11
676
441
256
144
100
33
1600
1024
12
841
529
289
196
121
35
1764
1156
13
961
625
361
225
144
37.5
2025
1296
14
1156
729
400
256
169
40
1521
15
1296
841
484
289
196
42.5
1681
16
1521
961
529
361
225
45
1936
17
625
400
256
47.5
2116
19
784
484
324
50
2401
21
961
625
400
52.5
2601
23
1156
729
484
55
2916
25
1369
900
576
57.5
3136
27
1024
676
60
3481
29
1225
784
65
4096



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com