Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSOP Datasheet(PDF) 2 Page - Amkor Technology

Part # SSOP
Description  Shrink Small Outline, Quarter-Size Small-Outline Packages
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

SSOP Datasheet(HTML) 2 Page - Amkor Technology

  SSOP Datasheet HTML 1Page - Amkor Technology SSOP Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LEADFRAME
Data Sheet
Questions? Contact us: marketing@amkor.com
With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or that the use of such information will not infringe upon the intellectual rights of third parties. Amkor shall not
be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon it and no patent or other license is implied hereby. This document does not in any way extend or modify Amkor’s
warranty on any product beyond that set forth in its standard terms and conditions of sale. Amkor reserves the right to make changes in its product and specifications at any time and without notice. The Amkor name
and logo are registered trademarks of Amkor Technology, Inc. All other trademarks mentioned are property of their respective companies. © 2015, Amkor Technology Incorporated. All Rights Reserved.
Visit Amkor Technology online for locations and
to view the most current product information.
SSOP/QSOP
DS360N
Rev Date: 7/15
Cross-section SSOP/QSOP
Test Services
• Program generation/conversion
• Wafer probe
• Burn-in capabilities
• -55°C to +165°C test available
• Strip test available
Shipping
• Clear anti-static tube, 20 inch
• Tape and reel
• Dry pack
• Drop ship
Configuration Options
SSOP/QSOP Nominal Package Dimensions (inches – unless otherwise specified)
Package
Type
Lead
Count
Body
Width
Body Length
Body
Thickness Standoff
Overall
Height
Lead
Pitch
Tip-to-Tip
JEDEC
Factory
Package
Outline
Drawing #
SSOP
14/16 5.3 mm (209 mil)
6.2 mm
1.73 mm
0.13 mm
1.86 mm 0.65 mm
7.80 mm
MO-150
P1
32289
20
5.3 mm (209 mil)
7.2 mm
1.73 mm
0.13 mm
1.86 mm 0.65 mm
7.80 mm
MO-150
P1
32289
24
5.3 mm (209 mil)
8.2 mm
1.73 mm
0.13 mm
1.86 mm 0.65 mm
7.80 mm
MO-150
P1
32289
28
5.3 mm (209 mil)
10.2 mm
1.73 mm
0.13 mm
1.86 mm 0.65 mm
7.80 mm
MO-150
P1
32289
QSOP
16
0.150
0.194
0.058
0.006
0.064
0.0250
0.236
MO-137
P1
32864
20
0.150
0.342
0.058
0.006
0.064
0.0250
0.236
MO-137
P1
32864
24
0.150
0.342
0.058
0.006
0.064
0.0250
0.236
MO-137
P1
32864
28
0.150
0.391
0.058
0.006
0.064
0.0250
0.236
MO-137
P1
32864



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com