Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QSOP Datasheet(PDF) 1 Page - Amkor Technology

Part # QSOP
Description  Shrink Small Outline, Quarter-Size Small-Outline Packages
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

QSOP Datasheet(HTML) 1 Page - Amkor Technology

  QSOP Datasheet HTML 1Page - Amkor Technology QSOP Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LEADFRAME
Data Sheet
Questions? Contact us: marketing@amkor.com
Visit Amkor Technology online for locations and
to view the most current product information.
Thermal Performance
Forced Convection, Single-layer PCB
Pkg
Body Size
(mm)
Pad Size
(mm)
ΘJA (°C/W) by Velocity (LFPM)
0
200
500
20 ld
3.9 x 8.7
2.4 x 3.6
80.8
73.2
69.2
28 ld
5.3 x 10.2
3.84 x 8.10
49.0
36.0
30.0
JEDEC Standard Test Boards
Electrical Performance
Pkg
Body
Size
(mm)
Pad
Size
(mm)
Lead
Self
Inductance
(nH)
Bulk
Capacitance
(pF)
Self
Resistance
(mF)
20 ld 5.3 x 7.2 3.9 x 5.4 Longest
Shortest
2.260
0.958
0.395
0.209
19.0
9.10
28 ld 3.9 x 9.9 2.4 x 4.8 Longest
Shortest
1.590
0.757
0.376
0.198
14.1
7.53
28 ld 5.3 x 10.2 3.9 x 5.1 Longest
Shortest
2.510
0.928
0.463
0.206
21.5
9.57
Simulated Results @ 100 MHz
Reliability Qualification
Amkor package qualification uses three independent production lots and a
minimum of 77 units per test group. All testing includes JSTD-020 moisture
preconditioning.
• Moisture Sensitivity
JEDEC Level 1, 85°C/85% RH, 168 hrs
Characterization
JEDEC Level 3, 30°C/60% RH, 192 hrs
• uHAST
130°C/85% RH, No Bias, 96 hrs
• Temp Cycle
-65°C/+150°C, 500 cycles
• High Temp Storage
150°C, 1000 hours
Process Highlights
• Pcc wire bonding standard, Ag wire available
• Wafer backgrinding services available
• Multiple die and die stacking capability
• NiPdAu (PPF) or Matte Sn lead finish options
• Laser mark on package body
DS360N
Rev Date: 7/15
SSOP/QSOP
Shrink Small Outline,
Quarter-Size Small-Outline Packages
(SSOP/QSOP)
SSOP and QSOP are leadframe based, plastic
encapsulated packages that are well suited for applications
requiring optimum performance in IC packaging with
compressed body size and tightened lead pitch. These
industry standard IC packages yield a significant reduction
in size while running in high volume and provide value
added low cost solutions for a wide range of applications. A
green BOM is standard, allowing devices to meet applicable
Pb-free and RoHS standards.
Features
• Cu wire interconnect for low cost
• Standard JEDEC package outlines
• Multi-die production capability
• Turnkey test services, including strip test options
• Green materials are standard – Pb-free and RoHS
compliant
New Developments
• Stealth dicing (narrow saw streets)
• Larger/higher density leadframe strips
• Leadframe roughening for improved MSL capability
Services and Support
Amkor has a broad base of resources available to help
customers bring quality new products to market quickly and
at the lowest possible cost.
• Full package characterization
• Thermal, mechanical stress and electrical performance
modeling
• Turnkey assembly, test and drop ship
• World class reliability testing and failure analysis


Similar Part No. - QSOP

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
QSOP TTELEC-QSOP Datasheet
442Kb / 4P
RoHS compliant and Sn/Pb terminations available
logo
Amkor Technology
QSOP AMKOR-QSOP Datasheet
475Kb / 2P
SSOP (Shrink Small-Outline Package) and QSOP (Quarter-Size Small Outline Package) are leadframe based, plastic encapsulated packages
12/21
logo
Diodes Incorporated
QSOP-16 DIODES-QSOP-16 Datasheet
404Kb / 27P
SUGGESTED PAD LAYOUT
Rev 52
QSOP-20 DIODES-QSOP-20 Datasheet
404Kb / 27P
SUGGESTED PAD LAYOUT
Rev 52
logo
Fairchild Semiconductor
QSOP-24 FAIRCHILD-QSOP-24 Datasheet
78Kb / 1P
Package MQA24
More results

Similar Description - QSOP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SSOP24 STMICROELECTRONICS-SSOP24 Datasheet
59Kb / 4P
24-LEAD SHRINK SMALL OUTLINE PACKAGE
Nov-2002
TSSO20 STMICROELECTRONICS-TSSO20 Datasheet
57Kb / 4P
20-LEAD THIN SHRINK SMALL OUTLINE
Nov-2002
logo
Intersil Corporation
M24.173B INTERSIL-M24.173B Datasheet
42Kb / 1P
Thin Shrink Small Outline Wxposed Pad Plastic Packages ( EPTSSOP)
logo
fujitsu semiconductor
FPT-20P-M04 FUJITSU-FPT-20P-M04 Datasheet
37Kb / 1P
THIN SHRINK SMALL OUTLINE PACKAGE
logo
Amkor Technology
CSSOP AMKOR-CSSOP Datasheet
304Kb / 1P
Ceramic Shrink Small Outline Package
logo
STMicroelectronics
TSSOP14 STMICROELECTRONICS-TSSOP14 Datasheet
58Kb / 4P
14-LEAD THIN SHRINK SMALL OUTLINE
Nov-2002
logo
ACCUTEK MICROCIRCUIT CO...
AK06D300-QSOP ACCUTEK-AK06D300-QSOP_12 Datasheet
174Kb / 4P
Quarter Size Small Outline Package QSOP DIP Adapters
AK16D300 ACCUTEK-AK16D300_12 Datasheet
79Kb / 3P
Shrink Small Outline Package SSOP DIP Adapters
AKL083220 ACCUTEK-AKL083220_13 Datasheet
128Kb / 2P
Thin Shrink Small Outline Packages TSOP to SOIC Leaded Adapters
logo
List of Unclassifed Man...
IC189-0162-019 ETC2-IC189-0162-019 Datasheet
444Kb / 7P
SOP (Small Outline Packages, Gullwing Leads)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com