Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CERAMIC Datasheet(PDF) 1 Page - Amkor Technology

Part # CERAMIC
Description  Glass or solder seal up to 435C
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

CERAMIC Datasheet(HTML) 1 Page - Amkor Technology

  CERAMIC Datasheet HTML 1Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LEADFRAME
Visit Amkor Technology online for locations and
to view the most current product information.
With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or that the use of such information will not infringe upon the intellectual rights of third parties. Amkor
shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon it and no patent or other license is implied hereby. This document does not in any way extend
or modify Amkor’s warranty on any product beyond that set forth in its standard terms and conditions of sale. Amkor reserves the right to make changes in its product and specifications at any time and
without notice. © 2013, Amkor Technology Incorporated. All Rights Reserved.
CERAMIC/HERMETIC
Data Sheet
DS830A
Rev Date: 8/12
Ceramic/Hermetic
Ceramic/Hermetic Package Assembly
Ceramic/Hermetic packages are commonly used for
applications requiring high performance and high reliability.
They can generally withstand higher temperatures than
traditional plastic packages, and the relatively low CTE of
ceramic materials and the cavity construction also make
ceramic/hermetic packages ideal for extremely stress-
sensitive devices such as MEMs sensors.
Amkor supports a wide range of assembly options for
ceramic/hermetic packages, including commercial,
automotive, and military/aerospace process flows. The
assembly line is highly customizable, allowing assembly of
a large variety of commonly used ceramic/hermetic
packages.
Services and Support
Amkor has a broad base of resources available to help our
customers bring quality new products to market quickly and
at low cost.
• Full package characterization
• Thermal, mechanical stress and electrical performance
modeling
• Turnkey assembly, test and drop ship
• World class reliability testing and failure analysis
Common Package Families
• Ceramic Ball Grid Array (CBGA)
• Ceramic Pin Grid Array (CPGA)
• Ceramic Land Grid Array (CLGA)
• Ceramic Quad Flat Pack (CQFP)
• Ceramic SOIC (CSOIC)
• CerDip
• CerPak
• “J”Cerquad
• Leaded Chip Carrier (LDCC)
• Leadless Chip Carrier (LCC)
• Low Cost Pin Grid Array (LCPGA)
• Plastic Pin Grid Array (PPGA)
• Side Braze
• Flatpack
• Flatpack with Ceramic Bar (FPCB)
Process Options
• Wafer backgrinding
• Die attach cure/organic burn out up to 425°C
• Eutectic bonding
• Glass or solder seal up to 435°C
• Temperature cycling
• Centrifuge
• Tin plating
• Pin D testing
• Laser or ink marking
• Fine leak testing
• Gross leak testing
Material Options
• Aluminum or gold wire interconnect
• Ag glass or epoxy die attach
Note that ceramic package base and lid can be purchased from several well
known suppliers and should be consigned to Amkor for production assembly.
Contact your Amkor account management team for more details.


Similar Part No. - CERAMIC

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
CERA-XX-U ADAM-TECH-CERA-XX-U Datasheet
97Kb / 1P
CARD EDGE CONNECTOR VERTICAL
CERA-XX-U-HT ADAM-TECH-CERA-XX-U-HT Datasheet
86Kb / 1P
CARD EDGE CONNECTOR VERTICAL
CERA100U ADAM-TECH-CERA100U Datasheet
115Kb / 1P
CARD EDGE CONNECTORS .100 X .200 [2.54 X 5.08] CENTERLINE
CERA100U ADAM-TECH-CERA100U Datasheet
559Kb / 9P
CARD EDGE CONNECTORS .100 X .200 [2.54 X 5.08] CENTERLINE
CERA18U ADAM-TECH-CERA18U Datasheet
115Kb / 1P
CARD EDGE CONNECTORS .100 X .200 [2.54 X 5.08] CENTERLINE
More results

Similar Description - CERAMIC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TGX-8 ETC-TGX-8 Datasheet
67Kb / 1P
Ceramic Glass Seal
logo
Fox Electronics
FQAG FOX-FQAG Datasheet
186Kb / 2P
Ceramic SMD Glass Seal Crystal
FEG FOX-FEG Datasheet
223Kb / 2P
Glass Seal SMD Crystal
FX532AG FOX-FX532AG Datasheet
217Kb / 2P
Ceramic SMD Glass Seal Crystal
FX532_G FOX-FX532_G Datasheet
188Kb / 2P
Ceramic SMD Glass Seal Crystal
logo
Shenzhen Luguang Electr...
1S2076A LUGUANG-1S2076A Datasheet
551Kb / 3P
High reliability with glass seal.
logo
Grayhill, Inc
26YY50202 GRAYHILL-26YY50202 Datasheet
197Kb / 1P
Pull to Turn BCD or Gray Code Shaft & Panel Seal
logo
Rosenberger Hochfrequen...
08Z101-00A ROSENBERGER-08Z101-00A Datasheet
174Kb / 2P
Glass Seal
02Z101-000 ROSENBERGER-02Z101-000 Datasheet
90Kb / 2P
GLASS-SEAL
logo
Littelfuse
PC-102 LITTELFUSE-PC-102 Datasheet
244Kb / 1P
Dual Seal-Leak Detector or Seal-Leak & Over-Temperature Detector
2016 Rev: 1-A-072916
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com