Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICROLEADFRAME Datasheet(PDF) 2 Page - Amkor Technology

Part # MICROLEADFRAME
Description  Saw MLF PEL (Plated End Lead) Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

MICROLEADFRAME Datasheet(HTML) 2 Page - Amkor Technology

  MICROLEADFRAME Datasheet HTML 1Page - Amkor Technology MICROLEADFRAME Datasheet HTML 2Page - Amkor Technology MICROLEADFRAME Datasheet HTML 3Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LEADFRAME
Data Sheet
Questions? Contact us: marketing@amkor.com
Visit Amkor Technology online for locations and
to view the most current product information.
Thermal Performance
Multi-layer PCB
Pkg
Body Size
(mm)
# Board
Vias
Exposed
Pad (mm)
Die
(mm)
ΘJA
(°C/W)
12 ld
3 x 3
1
1.25
1.25
61.1
28 ld
5 x 5
9
2.7
2.54
34.8
44 ld
7 x 7
16
4.8
3.81
24.4
52 ld
8 x 8
25
6.1
5.08
20.9
64 ld
10 x 10
36
7.1
2.79
29.4
124 ld
10 x 10
36
7.1
2.79
30.0
JEDEC Standard Test Boards
Modeled data @ 0 air flow
Electrical Performance
Pkg
Body Size
(mm)
Lead
Inductance
(nH)
Capacitance
(pF)
Resistance
(mΩ)
12 ld
3 x 3
Longest
Shortest
0.564
0.531
0.203
0.220
141.8
138.9
44 ld
7 x 7
Longest
Shortest
1.766
1.194
0.326
0.289
315.1
234.5
64 ld
10 x 10
Longest
Shortest
2.179
1.475
0.518
0.409
337.5
250.8
Simulated Results @ 2 GHz
Values dependent on specific die and wire configurations
Reliability Qualification
Amkor devices are assembled in optimized package designs with
proven reliable semiconductor materials.
• Moisture Sensitivity
JEDEC Level 1*, 85°C/85% RH, 168 hrs
Characterization
• uHAST
130°C/85% RH, 96 hrs
• Temp/Humidity
85°C/85% RH, 1000 hours
• Temp Cycle
-65°C/+150°C, 1000 cycles
• High Temp Storage
150°C, 1000 hours
*Depending on body size
Process Highlights
• Die thickness
.20 ± .05 mm nominal, thinner for special
applications
• Plating
Matte Sn, NiPdAuAg
• Marking
Laser
Standard Materials
• Leadframe
Copper alloy, dual gauge
• Die attach
Conductive epoxy, non-conductive epoxy
or DAF
• Wire
0.8 mil Au, 1% PD doped, 0.8 mil Cu
0.8 mil Ag
• Mold compound
Pb-free/Green capable
Test Services
• Program generation/conversion
• Product engineering
• Available test/handling technology
• Burn-in capabilities
• Tape and reel services
Shipping
• Clear anti-static tubes, bakeable trays or metal canisters
MicroLeadFrame®
MLF®/QFN/SON/DFN
Applications
The small size and weight along with excellent thermal and electrical
performance make the MicroLeadFrame package an ideal choice for
handheld portable applications such as cell phones and PDAs or any
other application where size, weight and package performance are
required.
Features
• Small size (reduce package footprint by 50% or more and improved
RF performance) and weight
• Standard leadframe process flow and equipment
• 0.4 mm to 2.03 mm maximum height
• 4 to 180 I/O
• 1-13 mm body size
• Thin profile and superior die-to-body size ratio
• Pb-free/Green
• Flexible designs for optimal electrical and thermal performance
• Saw and punch versions available
DS572Q
Rev Date: 10/15



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com