Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QFN Datasheet(PDF) 3 Page - Amkor Technology

Part # QFN
Description  Saw MLF PEL (Plated End Lead) Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

QFN Datasheet(HTML) 3 Page - Amkor Technology

  QFN Datasheet HTML 1Page - Amkor Technology QFN Datasheet HTML 2Page - Amkor Technology QFN Datasheet HTML 3Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LEADFRAME
Data Sheet
Questions? Contact us: marketing@amkor.com
With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or that the use of such information will not infringe upon the intellectual rights of third parties. Amkor shall not
be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon it and no patent or other license is implied hereby. This document does not in any way extend or modify Amkor’s
warranty on any product beyond that set forth in its standard terms and conditions of sale. Amkor reserves the right to make changes in its product and specifications at any time and without notice. The Amkor name
and logo are registered trademarks of Amkor Technology, Inc. All other trademarks mentioned are property of their respective companies. © 2015, Amkor Technology Incorporated. All Rights Reserved.
Visit Amkor Technology online for locations and
to view the most current product information.
DS572Q
Rev Date: 10/15
Configuration Options
MLF Package Family (mm)
Body Size (mm)
QFN/SON/DFN Lead Counts
0.8, 0.65, 0.5, 0.4, 0.35, 0.3 mm Pitch
Dual Row Lead Counts
0.5 mm Pitch
Saw
Punch
1 x 1
–
4/ 6
–
2 x 2
–
6/8/10/12
–
3 x 3
4/8/10/12/16/20/24
–
4 x 4
12/16/20/24/28/32/40
–
5 x 5
16/20/28/32/36/40/44/52
44/52
6 x 5
18/24/36/42
–
6 x 6
20/24/28/36/40/48/56/64
60/68
7 x 7
28/32/36/44/48/56/68/80
76/84
8 x 8
32/36/40/52/56/68/76/88
92/100
9 x 9
36/44/48/60/64/76/88/104
108/116
10 x 10
44/52/56/68/72/88/100/116
124/132
–
11 x 11
–
140/148
–
12 x 12
48/60/84/88/100/108/124/144
156/164
–
13 x 13
–
164/180
Note: Various package sizes available between (1 x 1) through (3 x 3), i.e., (2.5 x 2.5), (2 x 1), (1.5 x 1.5)
Save valuable board
space with MLF®
packages!
Package Height Comparison
MicroLeadFrame®
MLF®/QFN/SON/DFN
Cross-sections MLF
Individual Unit Design "Punch"
Map Design "Saw"



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com