Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7701MF/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7701MF/NOPB
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7701MF/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMP7701MF/NOPB Datasheet HTML 3Page - Texas Instruments LMP7701MF/NOPB Datasheet HTML 4Page - Texas Instruments LMP7701MF/NOPB Datasheet HTML 5Page - Texas Instruments LMP7701MF/NOPB Datasheet HTML 6Page - Texas Instruments LMP7701MF/NOPB Datasheet HTML 7Page - Texas Instruments LMP7701MF/NOPB Datasheet HTML 8Page - Texas Instruments LMP7701MF/NOPB Datasheet HTML 9Page - Texas Instruments LMP7701MF/NOPB Datasheet HTML 10Page - Texas Instruments LMP7701MF/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
LMP7701, LMP7702, LMP7704
www.ti.com
SNOSAI9I – SEPTEMBER 2005 – REVISED NOVEMBER 2015
Electrical Characteristics 3-V (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 3 V, V− = 0 V, V
CM = V
+/2, and R
L > 10 kΩ to V
+/2.(1)
PARAMETER
TEST CONDITIONS
MIN (2)
TYP (3) MAX (2)
UNIT
86
130
0 V
≤ VCM ≤ 3 V
at the temperature
LMP7701
80
extremes
CMRR
Common-Mode Rejection Ratio
dB
84
130
0 V
≤ VCM ≤ 3 V
at the temperature
LMP7702/LMP7704
78
extremes
86
98
PSRR
Power Supply Rejection Ratio
2.7 V
≤ V+ ≤ 12 V, Vo = V+/2
dB
at the temperature
82
extremes
CMRR
≥ 80 dB
–0.2
3.2
CMVR
Common-Mode Voltage Range
V
at the temperature
CMRR
≥ 77 dB
–0.2
3.2
extremes
100
114
RL = 2 kΩ (LMP7701)
at the temperature
VO = 0.3 V to 2.7 V
96
extremes
100
114
RL = 2 kΩ
AVOL
Open-Loop Voltage Gain
(LMP7702/LMP7704)
dB
at the temperature
94
VO = 0.3 V to 2.7 V
extremes
100
124
RL = 10 kΩ
at the temperature
VO = 0.2 V to 2.8 V
96
extremes
VOUT
40
80
RL = 2 kΩ to V
+/2
at the temperature
LMP7701
120
extremes
40
80
RL = 2 kΩ to V
+/2
at the temperature
LMP7702/LMP7704
150
extremes
mV
Output Voltage Swing High
from V+
30
40
RL = 10 kΩ to V
+/2
at the temperature
LMP7701
60
extremes
35
50
RL = 10 kΩ to V
+/2
at the temperature
LMP7702/LMP7704
100
extremes
40
60
RL = 2 kΩ to V
+/2
at the temperature
LMP7701
80
extremes
45
100
RL = 2 kΩ to V
+/2
at the temperature
LMP7702/LMP7704
170
extremes
Output Voltage Swing Low
mV
20
40
RL = 10 kΩ to V
+/2
at the temperature
LMP7701
50
extremes
20
50
RL = 10 kΩ to V
+/2
at the temperature
LMP7702/LMP7704
90
extremes
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com