Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY37032P44-125JC Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # CY37032P44-125JC
Description  5V, 3.3V, ISR??High-Performance CPLDs
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37032P44-125JC Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button CY37032P44-125JC Datasheet HTML 10Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 11Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 12Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 13Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 14Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 15Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 16Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 17Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *C
Page 14 of 62
5.0V Device Characteristics
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65°C to +150°C
Ambient Temperature with
Power Applied............................................. –55°C to +125°C
Supply Voltage to Ground Potential ............... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High-Z State................................................–0.5V to +7.0V
DC Input Voltage ............................................–0.5V to +7.0V
DC Program Voltage............................................. 4.5 to 5.5V
Current into Outputs .................................................... 16 mA
Static Discharge Voltage........................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current..................................................... > 200 mA
Operating Range[2]
Range
Ambient
Temperature[2]
Junction
Temperature
Output
Condition
VCC
VCCO
Commercial
0°C to +70°C
0°C to +90°C
5V
5V
± 0.25V
5V
± 0.25V
3.3V
5V
± 0.25V
3.3V
± 0.3V
Industrial
–40°C to +85°C
–40°C to +105°C
5V
5V
± 0.5V
5V
± 0.5V
3.3V
5V
± 0.5V
3.3V
± 0.3V
Military[3]
–55°C to +125°C
–55°C to +130°C
5V
5V
± 0.5V
5V
± 0.5V
3.3V
5V
± 0.5V
3.3V
± 0.3V
5.0V Device Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min. Typ.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min.
IOH = –3.2 mA (Com’l/Ind)
[4]
2.4
V
IOH = –2.0 mA (Mil)
[4]
2.4
V
VOHZ
Output HIGH Voltage with
Output Disabled[5]
VCC = Max.
IOH = 0 µA (Com’l)
[6]
4.2
V
IOH = 0 µA (Ind/Mil)
[6]
4.5
V
IOH = –100 µA (Com’l)
[6]
3.6
V
IOH = –150 µA (Ind/Mil)
[6]
3.6
V
VOL
Output LOW Voltage
VCC = Min.
IOL = 16 mA (Com’l/Ind)
[4]
0.5
V
IOL = 12 mA (Mil)
[4]
0.5
V
VIH
Input HIGH Voltage
Guaranteed Input Logical HIGH Voltage for all Inputs[7]
2.0
VCCmax
V
VIL
Input LOW Voltage
Guaranteed Input Logical LOW Voltage for all Inputs[7]
–0.5
0.8
V
IIX
Input Load Current
VI = GND OR VCC, Bus-Hold Disabled
–10
10
µA
IOZ
Output Leakage Current
VO = GND or VCC, Output Disabled, Bus-Hold Disabled
–50
50
µA
IOS
Output Short Circuit Current[8, 5] VCC = Max., VOUT = 0.5V
–30
–160
mA
IBHL
Input Bus-Hold LOW
Sustaining Current
VCC = Min., VIL = 0.8V
+75
µA
IBHH
Input Bus-Hold HIGH
Sustaining Current
VCC = Min., VIH = 2.0V
–75
µA
IBHLO
Input Bus-Hold LOW
Overdrive Current
VCC = Max.
+500
µA
IBHHO
Input Bus-Hold HIGH
Overdrive Current
VCC = Max.
–500
µA
Notes:
2.
Normal Programming Conditions apply across Ambient Temperature Range for specified programming methods. For more information on programming the
Ultra37000 Family devices, please refer to the Application Note titled “An Introduction to In System Reprogramming with the Ultra37000.”
3.
TA is the “Instant On” case temperature.
4.
IOH = –2 mA, IOL = 2 mA for TDO.
5.
Tested initially and after any design or process changes that may affect these parameters.
6.
When the I/O is output disabled, the bus-hold circuit can weakly pull the I/O to above 3.6V if no leakage current is allowed. Note that all I/Os are output disabled
during ISR programming. Refer to the application note “Understanding Bus-Hold” for additional information.
7.
These are absolute values with respect to device ground. All overshoots due to system or tester noise are included.
8.
Not more than one output should be tested at a time. Duration of the short circuit should not exceed 1 second. VOUT = 0.5V has been chosen to avoid test
problems caused by tester ground degradation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com