Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD800MM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SSD800MM
Description  ENTERPRISE SOLID-STATE DRIVES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD800MM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SSD800MM Datasheet HTML 1Page - List of Unclassifed Manufacturers SSD800MM Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product name
Specifications
Ultrastar® SSD800MM
DATA SHEET
ENTERPRISE SOLID-STATE DRIVES
Model / Part No.
HUSMM8080ASS200 / 0B28589
HUSMM8040ASS200 / 0B28588
HUSMM8020ASS200 / 0B28587
HUSMM8080ASS201 / 0B28592
HUSMM8040ASS201 / 0B28591
HUSMM8020ASS201 / 0B28590
HUSMM8080ASS204 / 0B30108
HUSMM8040ASS204 / 0B30107
HUSMM8020ASS204 / 0B30106
HUSMM8080ASS205 / 0B30228
HUSMM8040ASS205 / 0B30227
HUSMM8020ASS205 / 0B30226
Configuration
Interface
SAS 12Gb/s
Capacity (GB1) at 512 bytes/sector
800 / 400 / 200
Form factor
2.5-inch
Flash memory technology
Multi Level Cell (MLC)
Performance
Read throughput (max MB/s, sequential 64K)
1150
Write throughput (max MB/s, sequential 64K)
700
Read IOPS (max IOPS, random 4K)
145,000
Write IOPS (max IOPS, random 4K)
70,000
Reliability
Error rate (non-recoverable, bits read)
1 in 1017
MTBF2 (M hours)
2.0
Availability (hrs/day x days/wk)
24x7
Endurance (max PB1, random write)
14.6 / 7.3 / 3.7
Power
Requirement
+5 VDC (+/-5%)
+12VDC (+/-5%)
Operating (W)
9.0 and 11.0
Idle (W)
2.2 / 2.1 / 2.1
Physical
z-height (mm, max)
15.0
Dimensions (width x depth, mm)
70.1 x 100.6
Weight (g, typical)
164
Environmental (operating)
Ambient temperature
0o to 60o C
Shock (half-sine wave)
1000G (0.5ms)
500G (2ms)
Vibration, random (G RMS)
2.16, all axes (5 to 700 Hz)
How to Read the Ultrastar Model Number
HUSMM8080ASS200 = 800GB, SAS 12Gb/s
H = HGST
U = Ultrastar
S
= Standard
MM = Multi level cell,
mainstream endurance (10DW/D)
80 = Full capacity (800GB)
80 = Capacity of this model
(80 = 800GB, 40 = 400GB, 20 = 200GB)
A = Generation code
S
= Small form factor (vs. L for Large FF)
S2 = Interface, SAS 12Gb/s
0 = Reserved
0 = Crypto sanitize
(1 = TCG encryption, 4 = No encryption,
5 = TCG + FIPS certified encryption)
1
One gigabyte (GB) is equal to one billion bytes, one terabyte (TB) is equal to 1,000GB (one
trillion bytes), and one petabyte (PB) is equal to 1,000TB (one quadrillion bytes) when
referring to solid-state drive or hard drive capacity. Accessible capacity will vary from the
stated capacity due to formatting and partitioning of the drive, the computer’s operating
system, and other factors.
2
MTBF target is based on a sample population and is estimated by statistical measurements
and acceleration algorithms under nominal operating conditions. MTBF ratings are not
intended to predict an individual drive’s reliability. MTBF does not constitute a warranty.
© 2014-2015 HGST, a Western Digital company, 3403 Yerba Buena Road, San Jose, CA 95135
USA. Produced in the United States 8/14, revised 8/15. All rights reserved.
Ultrastar is a registered trademark of HGST, Inc. and its affiliates in the United States and/or other
countries.
HGST trademarks are intended and authorized for use only in countries and jurisdictions in which
HGST has obtained the rights to use, market and advertise the brand. Contact HGST for additional
information. HGST shall not be liable to third parties for unauthorized use of this document or
unauthorized use of its trademarks.
References in this publication to HGST’s products, programs or services do not imply that HGST
intends to make these available in all countries in which it operates.
Product specifications provided are sample specifications and do not constitute a warranty.
Information is true as of the date of publication and is subject to change. Actual specifications for
unique part numbers may vary.
Please visit the Support section of our website www.hgst.com/support for additional information on
product specifications. Photographs may show design models.
Information & Technical Support
www.hgst.com
www.hgst.com/support
Partners First Program
channelpartners@hgst.com
www.hgst.com/partners
DS28-EN-US-0815-05



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com