Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-R11WD1-N Datasheet(PDF) 35 Page - Omron Electronics LLC

Part # H7CX-R11WD1-N
Description  Multifunction Counter/Tachometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-R11WD1-N Datasheet(HTML) 35 Page - Omron Electronics LLC

Back Button H7CX-R11WD1-N Datasheet HTML 31Page - Omron Electronics LLC H7CX-R11WD1-N Datasheet HTML 32Page - Omron Electronics LLC H7CX-R11WD1-N Datasheet HTML 33Page - Omron Electronics LLC H7CX-R11WD1-N Datasheet HTML 34Page - Omron Electronics LLC H7CX-R11WD1-N Datasheet HTML 35Page - Omron Electronics LLC H7CX-R11WD1-N Datasheet HTML 36Page - Omron Electronics LLC H7CX-R11WD1-N Datasheet HTML 37Page - Omron Electronics LLC H7CX-R11WD1-N Datasheet HTML 38Page - Omron Electronics LLC H7CX-R11WD1-N Datasheet HTML 39Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
H7CX-A
@-N
35
Switching between Preset Counter, Total and Preset Counter, Batch Counter, Dual
Counter, Twin Counter, and Tachometer Operation
Select which H7CX configuration is used (i.e., preset counter, total and preset counter, batch counter, dual counter, twin counter, or tachometer)
in configuration selection mode.
The H7CX is also equipped with a DIP switch monitor function, a convenient function that enables the settings of the DIP switch pins to be
confirmed using the display on the front of the H7CX.
Hold Function
The measurement value (display value) and output are sustained while the hold input is ON.
Note: The output will maintain the current status when the hold key is pressed.
Example:
Output mode
setting
Operation
Lower limit
1
+
1
1
RST
bcnt
dcnt
taco
twn
1cnt
2cnt
tcnt
Key
Key
Key
Key
…Indicates that DIP switch pin 8 is ON.
…Indicates that DIP switch pin 7 is OFF.
…Indicates that DIP switch pin 6 is ON.
…Indicates that DIP switch pin 5 is OFF.
…Indicates that DIP switch pin 4 is ON.
…Indicates that DIP switch pin 3 is OFF.
…Indicates that DIP switch pin 2 is ON.
…Indicates that DIP switch pin 1 is ON.
*The configurations that can be selected depend on the model.
Press the
key for 1 s
min.
*1 When the mode is changed to configuration selection mode, the present value is reset, outputs turn OFF, and counting (measuring) stops.
*2 Setting changes made in configuration selection mode are enabled when the mode is changed to run mode. If the configuration is changed, the
set value (or set value 1 and set value 2), comparison value 1 and comparison value 2 are initialized.
Power ON
Example
Configuration
selection
Note
DIP switch
monitor
(DIP)
Con
venient
*2
*1
*This display is possible only when DIP switch pin 1 (DIP switch settings enable/disable)
is set to ON (enable).
Select the configuration using the
UD Key.
1
1
To change the mode to configuration selection mode, hold
down the
Key for 1 s min. with the
Key held down.
The mode will not change if the
Key is pressed first.
(1-stage
preset
counter)
(2-stage
preset
counter)
(Total and
preset counter)
(Batch
counter)
(Dual
counter)
(Twin
counter)
(Tachometer)
Note: By default, the H7CX is set to the 1-stage preset counter configuration. (Two-stage
models are set to the 2-stage preset counter configuration.)
Confirm the status of DIP switch pins 1 to 8 using the
UD Key.
OFF
ON
12345678
OUT
Display value
Hold input* (Reset Key)
Comparison value (lower limit)
Sustained display value
Sustained output
Actual input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com