Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HP-3ML Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # HP-3ML
Description  Photo diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

HP-3ML Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  HP-3ML Datasheet HTML 1Page - KODENSHI_AUK CORP. HP-3ML Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 1-
HP-3ML・HP-3MLR2
Photo diodes
KODENSHI
The HP-3ML is a high-output, high-speed photodiode
mounted in a TO-18 type header with clear epoxy
encapsulation, The HP-3MLR2 photodiode, with
daylight filter, is available in the same package.
FEATURES
•High-output power
•High-speed response
•Wide angular response
•Relatively low-cost against metal can package
APPLICATIONS
•Optical detectors
•Optical switches
DIMENSIONS
(Unit : mm)
Rating
Symbol
Item
MAXIMUM RATINGS
Reverse voltage
Operating temp.
Storage temp.
Soldering temp. *1
VR
Topr.
Tstg.
Tsol.
5
-20~+80
-30~+100
260
V
℃
℃
℃
Unit
(Ta=25℃)
*1. For MAX.5 seconds at the position of 2 mm from the package
*2. Color temp.=2856K standard Tungsten lamp
0.55
1
Open circuit voltage
Short circuit current
Dark current
Curve factor
Capacitance
Temperature coefficient of VOC
Temperature coefficient of ISC
Spectral sensitivity
Peak wavelength
Half angle
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
EV=1,000lx
*2
VR=5V
V=0V, f=1MHz
Item
Typ.
Typ.
VOC
ISC
Id
C.F.
Ct
αt
βt
λ
λp
Δθ
54
0.55
450~1,050
700~1,050
0.38
75
180
-2.2
0.18
900
±60
0.30
60
180
-2.2
0.18
940
±60
10
V
μA
μA
-
pF
mV/℃
%/℃
nm
nm
deg.
Symbol
Conditions
Min.
HP-3ML
HP-3MLR2
Min.
Max.
Max.
Unit.


Similar Part No. - HP-3ML

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
HP-3MLR2 KODENSHI-HP-3MLR2 Datasheet
205Kb / 2P
Photo diodes
More results

Similar Description - HP-3ML

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
HP-2FR4 KODENSHI-HP-2FR4 Datasheet
194Kb / 2P
Photo diodes
HP-2ML KODENSHI-HP-2ML Datasheet
188Kb / 2P
Photo diodes
HP-2MLR KODENSHI-HP-2MLR Datasheet
187Kb / 2P
Photo diodes
HP-304 KODENSHI-HP-304 Datasheet
189Kb / 2P
Photo diodes
SP-1CL3 KODENSHI-SP-1CL3 Datasheet
268Kb / 2P
Photo diodes
HP-5FR2 KODENSHI-HP-5FR2 Datasheet
206Kb / 2P
Photo diodes
HP3MLHP3 KODENSHI-HP3MLHP3 Datasheet
205Kb / 2P
Photo diodes
HP-3MLR2 KODENSHI-HP-3MLR2 Datasheet
205Kb / 2P
Photo diodes
HP5FR2 KODENSHI-HP5FR2 Datasheet
198Kb / 2P
Photo diodes
SP-1CL3R2 KODENSHI-SP-1CL3R2 Datasheet
273Kb / 2P
Photo diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com