Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC151 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC151
Description  8-Input Multiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC151 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54AC151 Datasheet HTML 1Page - National Semiconductor (TI) 54AC151 Datasheet HTML 2Page - National Semiconductor (TI) 54AC151 Datasheet HTML 3Page - National Semiconductor (TI) 54AC151 Datasheet HTML 4Page - National Semiconductor (TI) 54AC151 Datasheet HTML 5Page - National Semiconductor (TI) 54AC151 Datasheet HTML 6Page - National Semiconductor (TI) 54AC151 Datasheet HTML 7Page - National Semiconductor (TI) 54AC151 Datasheet HTML 8Page - National Semiconductor (TI) 54AC151 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Connection Diagrams
Truth Table
Inputs
Outputs
E
S
2
S
1
S
0
Z
Z
H
XXX
H
L
L
LLL
I
0
I
0
LL
L
H
I
1
I
1
L
LHLI
2
I
2
LL
H
H
I
3
I
3
LH
L
L
I
4
I
4
L
HLH
I
5
I
5
LH
H
L
I
6
I
6
L
HHHI
7
I
7
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Functional Description
The ’AC/’ACT151 is a logic implementation of a single pole,
8-position switch with the switch position controlled by the
state of three Select inputs, S
0,S1,S2.
Both true and
complementary outputs are provided. The Enable input (E) is
active LOW. When it is not activated, the complementary
output is HIGH and the true output is LOW regardless of all
other inputs. The logic function provided at the output is:
Z = E
• (I
0 • S0 • S1 • S2 +I1 • S0 • S1 • S2 +
I
2 • S0 • S1 • S2 +I3 • S0 • S1 • S2 +I4 • S0 • S1 • S2 +
I
5 • S0 • S1 • S2 +I6 • S0 • S1 • S2 +I7 • S0 • S1 • S2)
The ’AC/’ACT151 provides the ability, in one package to se-
lect from eight sources of data or control information. By
proper manipulation of the inputs, the ’AC/’ACT151 can pro-
vide any logic function of four variables and its complement.
Pin Assignment
for DIP and Flatpak
DS100270-2
Pin Assignment
for LCC
DS100270-3
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com