Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1812CP-R33 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 1812CP-R33
Description  SMD WIRE WOUND CERAMIC CHIP INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1812CP-R33 Datasheet(HTML) 1 Page - Frontier Electronics.

  1812CP-R33 Datasheet HTML 1Page - Frontier Electronics. 1812CP-R33 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1812CP Series – SMD WIRE WOUND CERAMIC CHIP INDUCTORS
Rev. A
A. Electrical Specifications:
P/N
L
(nH)
L Test
Freq.
(MHz)
Tol.
Q
Typ.
Q Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(m
Ω)
I rms.
Max.
(mA)
1
st
Color
2
nd
Color
3
rd
Color
1812CP-82N_
82
50
K, J, G
70
50
800
60
1500
Gray
Red
Black
1812CP-R15_
150
50
K, J, G
75
50
860
110
1150
Brown
Green
Brown
1812CP-R18_
180
50
K, J, G
80
50
850
110
1150
Brown
Gray
Brown
1812CP-R22_
220
50
K, J, G
80
50
700
105
940
Red
Red
Brown
1812CP-R27_
270
50
K, J, G
85
50
730
120
940
Red
Violet
Brown
1812CP-R33_
330
50
K, J, G
80
50
600
135
850
Orange
Orange
Brown
1812CP-R39_
390
50
K, J, G
80
50
600
140
850
Orange
White
Brown
1812CP-1R2_
1200
50
K, J, G
62
50
230
1200
480
Brown
Red
Red
B. Dimensions: mm (Inch)
Series
a
b
c
f
g
h
1812CP
4.95(0.195)
3.8 (0.150)
3.43 (0.135)
3.0 (0.118)
1.14 (0.045)
3.05 (0.120)
Tol.
Max.
Max.
Max.
Typ.
Typ.
Typ.
C. Color coding:
1.
Parts are marked with 3 color dots. The table at below shows the significance of each color.
2.
Dots 1 and 2 indicate the inductance in nano-Henries.
3.
Dot 3 indicates number of zeroes to be added.
D. General Information:
1.
P/N: 1812CP-xxx_, “1812CP” = Size Type, “xxx” = Inductance, “_” = Tolerance.
2.
Tolerance “_” : K: ± 10%, J: ± 5%, G: ± 2%.
3.
Small and lightweight surface mounting type.
4.
High Q at high frequency & High self-resonance frequency.
5.
For 15ºC Temperature Rise at 25ºC ambient.
6.
Inductance & Q measured with HP4291B Impedance Analyzer.
7.
SRF measured using the HP8720D or HP8753E Network Analyzer.
8.
DCR measured using the 16502 milliohm meter.
9.
Operating temperature: -40
°C to +125ºC.
10. This series has no color code due to the size is small.
11. Inductance and Current Range: From 82 nH (1500mA) to 1200 nH (480 mA)
12. SRF: From 230 MHz to 860 MHz
13. MSL: Level 1.
E. Applications:
1.
Game Consoles
2.
Set Top Boxes
3.
Cables Modems
4.
Computers
5.
Mobile Communication Devices (Cell Phones, Radios, etc.)
6.
RF Filters
0 = Black
5=Green
1 = Brown
6=Blue
2 = Red
7 = Violet
3 = Orange
8 = Gray
4 = Yellow
9 = White
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - 1812CP-R33

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1812CP FRONTIER-1812CP Datasheet
208Kb / 2P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1812CP1R2 FRONTIER-1812CP1R2 Datasheet
208Kb / 2P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1812CP82N FRONTIER-1812CP82N Datasheet
208Kb / 2P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1812CPR15 FRONTIER-1812CPR15 Datasheet
208Kb / 2P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1812CPR18 FRONTIER-1812CPR18 Datasheet
208Kb / 2P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
More results

Similar Description - 1812CP-R33

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1008C FRONTIER-1008C Datasheet
82Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
0805C-2N2M FRONTIER-0805C-2N2M Datasheet
84Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
1210C-4N7K FRONTIER-1210C-4N7K Datasheet
102Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
0603C FRONTIER-0603C_15 Datasheet
215Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0603CP FRONTIER-0603CP Datasheet
242Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP FRONTIER-1008CP Datasheet
229Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0402CP-1N0J FRONTIER-0402CP-1N0J Datasheet
197Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP-10NJ FRONTIER-1008CP-10NJ Datasheet
229Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0603HQ FRONTIER-0603HQ Datasheet
604Kb / 4P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008HQ FRONTIER-1008HQ Datasheet
497Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com