Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1008CP-R10 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 1008CP-R10
Description  SMD WIRE WOUND CERAMIC CHIP INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1008CP-R10 Datasheet(HTML) 1 Page - Frontier Electronics.

  1008CP-R10 Datasheet HTML 1Page - Frontier Electronics. 1008CP-R10 Datasheet HTML 2Page - Frontier Electronics. 1008CP-R10 Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1008CP Series – SMD WIRE WOUND CERAMIC CHIP INDUCTORS
Rev. A
A. Electrical Specifications:
P/N
L
(nH)
LTest
Freq.
(MHz)
Tol.
Q Min.
Q Test
Freq.
(MHz)
SRF
Min.
(GHz)
DCR
Max.
(
Ω)
I rms.
Max.
(mA)
1
st
Color
2
nd
Color
3
rd
Color
1008CP-10N_
10
50
K, J
50
500
4.10
0.08
1000
Brown
Black
Black
1008CP-12N_
12
50
K, J
50
500
3.30
0.09
1000
Brown
Red
Black
1008CP-15N_
15
50
K, J
50
500
2.50
0.10
1000
Brown
Green
Black
1008CP-18N_
18
50
K, J, G
50
350
2.50
0.11
1000
Brown
Gray
Black
1008CP-22N_
22
50
K, J, G
55
350
2.40
0.12
1000
Red
Red
Black
1008CP-24N_
24
50
K, J, G
50
350
1.50
0.13
1000
Red
Yellow
Black
1008CP-27N_
27
50
K, J, G
55
350
1.60
0.13
1000
Red
Violet
Black
1008CP-33N_
33
50
K, J, G
60
350
1.60
0.14
1000
Orange
Orange
Black
1008CP-39N_
39
50
K, J, G
60
350
1.50
0.15
1000
Orange
White
Black
1008CP-47N_
47
50
K, J, G
65
350
1.50
0.16
1000
Yellow
Violet
Black
1008CP-56N_
56
50
K, J, G
65
350
1.30
0.18
1000
Green
Blue
Black
1008CP-68N_
68
50
K, J, G
65
350
1.30
0.20
1000
Blue
Gray
Black
1008CP-82N_
82
50
K, J, G
60
350
1.00
0.22
1000
Gray
Red
Black
1008CP-R10_
100
25
K, J, G
60
350
1.00
0.56
650
Brown
Black
Brown
1008CP-R12_
120
25
K, J, G
60
350
0.950
0.63
650
Brown
Red
Brown
1008CP-R15_
150
25
K, J, G
45
100
0.850
0.70
580
Brown
Green
Brown
1008CP-R18_
180
25
K, J, G
45
100
0.750
0.77
620
Brown
Gray
Brown
1008CP-R20_
200
25
K, J, G
50
100
0.750
0.81
500
Red
Black
Brown
1008CP-R22_
220
25
K, J, G
45
100
0.700
0.84
500
Red
Red
Brown
1008CP-R24_
240
25
K, J, G
50
100
0.600
0.84
500
Red
Yellow
Brown
1008CP-R27_
270
25
K, J, G
45
100
0.600
0.91
500
Red
Violet
Brown
1008CP-R30_
300
25
K, J, G
40
100
0.500
1.05
660
Orange
Black
Brown
1008CP-R33_
330
25
K, J, G
45
100
0.570
1.05
450
Orange
Orange
Brown
1008CP-R36_
360
25
K, J, G
40
100
0.500
1.05
660
Orange
Blue
Brown
1008CP-R39_
390
25
K, J, G
45
100
0.500
1.12
470
Orange
White
Brown
1008CP-R43_
430
25
K, J, G
45
100
0.425
1.19
600
Yellow
Orange
Brown
1008CP-R47_
470
25
K, J, G
45
100
0.450
1.19
470
Yellow
Violet
Brown
1008CP-R56_
560
25
K, J, G
45
100
0.415
1.33
400
Green
Blue
Brown
1008CP-R62_
620
25
K, J, G
45
100
0.375
1.40
300
Blue
Red
Brown
1008CP-R68_
680
25
K, J, G
45
100
0.375
1.47
400
Blue
Gray
Brown
1008CP-R75_
750
25
K, J, G
45
100
0.360
1.54
360
Violet
Green
Brown
1008CP-R82_
820
25
K, J, G
45
100
0.350
1.61
400
Gray
Red
Brown
1008CP-R91_
910
25
K, J, G
35
50
0.320
1.68
380
White
Brown
Brown
1008CP-1R0_
1000
25
K, J, G
35
50
0.290
1.75
370
Brown
Black
Red
1008CP-1R2_
1200
7.9
K, J, G
35
50
0.250
2.00
310
Brown
Red
Red
1008CP-1R5_
1500
7.9
K, J, G
28
50
0.200
2.30
330
Brown
Green
Red
1008CP-1R8_
1800
7.9
K, J, G
28
50
0.160
2.60
300
Brown
Gray
Red
1008CP-2R0_
2000
7.9
K, J, G
25
50
0.160
2.80
280
Red
Black
Red
1008CP-2R2_
2200
7.9
K, J, G
28
50
0.160
2.80
280
Red
Red
Red
1008CP-2R7_
2700
7.9
K, J, G
22
25
0.140
3.20
290
Red
Violet
Red
1008CP-3R3_
3300
7.9
K, J, G
22
25
0.110
3.40
290
Orange
Orange
Red
1008CP-3R9_
3900
7.9
K, J, G
20
25
0.100
3.60
260
Orange
White
Red
1008CP-4R7_
4700
7.9
K, J, G
20
25
0.090
4.00
260
Yellow
Violet
Red
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
1008CP
2.92(0.115)
2.79 (0.110) 2.03(0.080)
0.51(0.020)
1.52(0.060)
1.27 (0.050) 1.27 (0.050) 2.54 (0.100)
Tol.
Max.
Max.
Max.
Typ.
Typ.
Typ.
Typ.
Typ.
Frontier Electronics Corp.
®
Page 1 of 3
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - 1008CP-R10

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1008CP FRONTIER-1008CP Datasheet
229Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP10N FRONTIER-1008CP10N Datasheet
229Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP12N FRONTIER-1008CP12N Datasheet
229Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP15N FRONTIER-1008CP15N Datasheet
229Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP18N FRONTIER-1008CP18N Datasheet
229Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
More results

Similar Description - 1008CP-R10

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1008C FRONTIER-1008C Datasheet
82Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
0805C-2N2M FRONTIER-0805C-2N2M Datasheet
84Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
1210C-4N7K FRONTIER-1210C-4N7K Datasheet
102Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
0603C FRONTIER-0603C_15 Datasheet
215Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0603CP FRONTIER-0603CP Datasheet
242Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP FRONTIER-1008CP Datasheet
229Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0402CP-1N0J FRONTIER-0402CP-1N0J Datasheet
197Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0603HQ FRONTIER-0603HQ Datasheet
604Kb / 4P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008HQ FRONTIER-1008HQ Datasheet
497Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
logo
WALSIN TECHNOLOGY CORPO...
WLCW2520HQ WALSIN-WLCW2520HQ Datasheet
256Kb / 6P
SMD Wire Wound Ceramic Chip Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com