Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0402CP-R12_ Datasheet(PDF) 2 Page - Frontier Electronics.

Part # 0402CP-R12_
Description  SMD WIRE WOUND CERAMIC CHIP INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

0402CP-R12_ Datasheet(HTML) 2 Page - Frontier Electronics.

  0402CP-R12_ Datasheet HTML 1Page - Frontier Electronics. 0402CP-R12_ Datasheet HTML 2Page - Frontier Electronics. 0402CP-R12_ Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0402CP Series – SMD WIRE WOUND CERAMIC CHIP INDUCTORS
Rev. A
B. Dimensions: mm (Inch):
Series
a
b
c
d
e
f
g
h
0402CP
1.19
(0.047)
0.64
(0.025)
0.66
(0.026)
0.23
(0.009)
0.56
(0.022)
0.46
(0.018)
0.36
(0.014)
0.66
(0.026)
Tol.
Max.
Max.
Max.
Typ.
Typ.
Typ.
Typ.
Typ.
C. General Information:
i.
P/N: 0402CP-xxx_, “0402” = Size Type, “CP” = Tinned pad, “xxx” = Inductance, “_” = Tolerance.
ii.
Tolerance “_”: K: ± 10%, J: ± 5%, G: ± 2%
iii.
Product material: Ceramic.
iv.
Excellent solder ability and high heat resistance for either flow or reflow soldering.
v.
Monolithic structures for highly reliable surface mount applications.
vi.
Superior Q characteristics guaranteed over the wide frequency and allow high frequency application.
vii.
The completely monolithic structure gives high reliability and allows high SRF.
viii.
Both flow and IR re-flow application are possible.
ix.
Operating temperature: -40
°C to +125ºC
x.
Maximum Temperature Rise: 15°C (when measured at 25°C ambient).
xi.
Unspecified values available on request.
xii.
Inductance and Current range:
From 1.0 nH (1360 mA) to 120nH (30 mA)
xiii.
SRF:
From1100MHz to 12,900 MHz
xiv.
MSL: Level 1.
D. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
5. Mobile Communication Devices (Cell Phones, Radios, etc.)
6. RF Filters
E. Characteristics Curve:
Frontier Electronics Corp.
®
Page 2 of 3
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com