Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-101S Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # HS-101S
Description  Reflective sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

HS-101S Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  HS-101S Datasheet HTML 1Page - KODENSHI_AUK CORP. HS-101S Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KODENSHI
- 1-
HS-101S
Reflective sensors
HS-101S are reflection sensors which aim at the
human body detection such as ATM. HS-101S has
high resistance to ambient light by using modulated
light. HS-101S are installed with a screw and also can
be connected very easily with 3 pin connector.
FEATURES
•Compact
•3pin connector type
•With the reflection prevention seal
APPLICATIONS
•Human body detection for ATM etc.
DIMENSIONS
(Unit : mm)
Supply voltage
Current consumption
Low level output voltage
High level output voltage
Detecting distance
Hysteresis
Response time
Sun light
Incandescent light
Fluorescent light
Rating
Symbol
Item
MAXIMUM RATINGS
Supply voltage
Output voltage *1
Low level output current
*2
Operating temp.*3*4
Storage temp.
*3*4
VCC
VO
IOL
Topr.
Tstg.
5.5
28
30
-10~+60
-20~+70
V
V
mA
℃
℃
Unit
(Ta=25℃)
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
detecting VO=5V, RL=1kΩ
non detecting VO=5V,RL=1kΩ
reflection rate 90%, OFF→ON 30cm×30cm
reflection rate 90%, 30cm×30cm
reflection rate 90%, L=50cm, 30cm×30cm
Luminous intensity at sensing area
Item
Typ.
5
6.5
100
85
100
VCC
ICC
VOL
VOH
LHL
EVLH/EVHL
t
EVS
EVT
EVW
4.75
4.5
50
10,000
3,000
3,000
5.25
12
0.2
150
200
V
mA
V
V
cm
%
ms
lx
lx
lx
Symbol
Conditions
Min.
Max.
Unit.
*1. C-E voltage for output transistor
*2. Collector current for output transistor
*3. No icebound or dew
*4. The connector shall be inserted or pulled out at normal temperature.


Similar Part No. - HS-101S

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
HS-101 KODENSHI-HS-101 Datasheet
216Kb / 2P
Reflective sensors
More results

Similar Description - HS-101S

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
OPB703 QT-OPB703 Datasheet
149Kb / 2P
REFLECTIVE OBJECT SENSORS
QRB1113 QT-QRB1113 Datasheet
146Kb / 2P
REFLECTIVE OBJECT SENSORS
QRC1113 QT-QRC1113 Datasheet
143Kb / 2P
REFLECTIVE OBJECT SENSORS
logo
Agilent(Hewlett-Packard...
HBCC-1570 HP-HBCC-1570 Datasheet
152Kb / 8P
Optical Reflective Sensors
logo
KODENSHI_AUK CORP.
HS-101 KODENSHI-HS-101 Datasheet
216Kb / 2P
Reflective sensors
logo
OPTEK Technologies
OPB606A OPTEK-OPB606A Datasheet
225Kb / 2P
REFLECTIVE OBJECT SENSORS
OPA708 OPTEK-OPA708 Datasheet
127Kb / 4P
REFLECTIVE OBJECT SENSORS
OPB608A OPTEK-OPB608A Datasheet
223Kb / 2P
REFLECTIVE OBJECT SENSORS
OPB702 OPTEK-OPB702 Datasheet
89Kb / 4P
Reflective Object Sensors
OPB740W OPTEK-OPB740W Datasheet
268Kb / 2P
Reflective Object Sensors
March 2006
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com