Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIA135 Datasheet(PDF) 7 Page - IXYS Corporation

Part # LIA135
Description  Low Voltage Optically Isolated Error Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LIA135 Datasheet(HTML) 7 Page - IXYS Corporation

Back Button LIA135 Datasheet HTML 3Page - IXYS Corporation LIA135 Datasheet HTML 4Page - IXYS Corporation LIA135 Datasheet HTML 5Page - IXYS Corporation LIA135 Datasheet HTML 6Page - IXYS Corporation LIA135 Datasheet HTML 7Page - IXYS Corporation LIA135 Datasheet HTML 8Page - IXYS Corporation LIA135 Datasheet HTML 9Page - IXYS Corporation LIA135 Datasheet HTML 10Page - IXYS Corporation LIA135 Datasheet HTML 11Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
LIA135 / LIA13
R01
www.ixysic.com
7
1.6 Performance Data
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
1.270
1.280
1.290
1.300
1.310
1.320
V
REF vs. Temperature
Temperature (ºC)
-50
-25
0
25
50
75
100
125
100
200
300
400
500
600
700
FB Input Bias Current vs. Temperature
(I
LED=10mA)
Temperature (ºC)
-50
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Off-State Current vs. Temperature
(V
LED=13.2V, VFB=0V)
V
F (V)
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0
5
10
15
20
25
LED Forward Current
vs. LED Forward Voltage
T
A=110ºC
T
A=85ºC
T
A=55ºC
T
A=25ºC
T
A=-5ºC
T
A=-40ºC
I
LED (mA)
0
5
10
15
20
25
0
500
1000
1500
2000
CTR vs. LED Current
(V
CE=5V)
T
A=-40ºC
T
A=25ºC
T
A=85ºC
T
A=125ºC
Frequency (kHz)
1
10
100
1000
0
5
10
15
20
Voltage Gain vs. Frequency
(R
C=51Ω)
LIA136
LIA135
V
CE (V)
02
46
8
10
12
0
20
40
60
80
100
120
Collector Current vs. Collector Voltage
I
LED=20mA
I
LED=10mA
I
LED=5mA
I
LED=1mA
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
0
20
40
60
80
100
120
140
Collector Current vs. Temperature
(V
CE=5V)
I
LED=20mA
I
LED=10mA
I
LED=5mA
I
LED=1mA
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
0.00
0.05
0.10
0.15
0.20
0.25
Saturation Voltage vs. Temperature
(I
LED=10mA, ICE=10mA)
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
0
5
10
15
20
25
30
35
LIA135 - Dark Current vs. Temperature
Measured At Pins 3&4
(V
CE=10V)
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
LIA136 - Dark Current vs. Temperature
Measured At Pins 3&4, R
B=1MΩ
(V
CE=10V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com