Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIA135STR Datasheet(PDF) 1 Page - IXYS Corporation

Part # LIA135STR
Description  Low Voltage Optically Isolated Error Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LIA135STR Datasheet(HTML) 1 Page - IXYS Corporation

  LIA135STR Datasheet HTML 1Page - IXYS Corporation LIA135STR Datasheet HTML 2Page - IXYS Corporation LIA135STR Datasheet HTML 3Page - IXYS Corporation LIA135STR Datasheet HTML 4Page - IXYS Corporation LIA135STR Datasheet HTML 5Page - IXYS Corporation LIA135STR Datasheet HTML 6Page - IXYS Corporation LIA135STR Datasheet HTML 7Page - IXYS Corporation LIA135STR Datasheet HTML 8Page - IXYS Corporation LIA135STR Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
DS-LIA135 / LIA136-R01
www.ixysic.com
1
LIA135 / LIA136
Low Voltage Optically Isolated
Error Amplifiers
Features
• Low Input Voltage of 1.6V over temperature
• Precision reference, error amplifier, and optocoupler
in a single package
• Voltage Reference: 1.299V ±0.5% @ 25°C
LIA135: ±1% @ -40°C to +85°C
LIA136: ±1.5% @ -40°C to +110°C
• LIA136: Reduced dark current at high temperature
• Common Mode Transient Immunity:
LIA135: 5V/ns
LIA136: 20V/ns
• Simplified frequency compensation
• CTR 500% to 2000%
• Lowest optical offset current (ICE vs. VLED)
Applications
• Low Voltage Power Supply Feedback
• Isolated Power Supply Feedback
• AC-to DC Power Supplies
• DC-to-DC Converters
Description
The LIA135 and LIA136 are low voltage optically
isolated error amplifiers with a precision
programmable shunt reference combined into a single
package capable of operating down to 1.6V. The
optocoupler portion of the LIA135 / LIA136 comprises
an infrared LED that is optically coupled to an NPN
phototransistor providing a current transfer ratio from
500% to 2000%. Ensuring low voltage performance,
the input voltage range of 1.6V to 10V is guaranteed
over the operational temperature range.
The combination of features in the LIA135 / LIA136
are optimal for use in isolated AC-to-DC power
supplies and DC-to-DC converters. The bias current
for the shunt regulator does not pass through the LED,
which eliminates bias-related optical current, giving
the user the industry’s largest dynamic range (1000:1).
These devices are available in DIP and surface mount
(SMT) packages.
Approvals
• UL Recognized Component: File # E76270
• CSA Certified Component: Certificate # 1305490
Ordering Information
LIA135 and LIA136 Block Diagrams
Part
Description
LIA135
8-pin DIP, Tube (50/Tube)
LIA135S
8-pin Surface Mount, Tube (50/Tube)
LIA135STR
8-pin Surface Mount, Tape & Reel (1000/Reel)
LIA136
8-pin DIP, Tube (50/Tube)
LIA136S
8-pin Surface Mount, Tube (50/Tube)
LIA136STR
8-pin Surface Mount, Tape & Reel (1000/Reel)
LIA135
+
_
+
_
GND
COMP
LED
FB
LIA136
+
_
+
_
GND
COMP
LED
FB
B


Similar Part No. - LIA135STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LIA130 CLARE-LIA130 Datasheet
172Kb / 10P
Optically Isolated Error Amplifier
logo
IXYS Corporation
LIA130 IXYS-LIA130 Datasheet
175Kb / 11P
Optically Isolated Error Amplifier
logo
Clare, Inc.
LIA130S CLARE-LIA130S Datasheet
172Kb / 10P
Optically Isolated Error Amplifier
logo
IXYS Corporation
LIA130S IXYS-LIA130S Datasheet
175Kb / 11P
Optically Isolated Error Amplifier
logo
Clare, Inc.
LIA130STR CLARE-LIA130STR Datasheet
172Kb / 10P
Optically Isolated Error Amplifier
More results

Similar Description - LIA135STR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2741A FAIRCHILD-FOD2741A_08 Datasheet
304Kb / 15P
Optically Isolated Error Amplifier
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
Optically Isolated Error Amplifier
logo
Clare, Inc.
LIA130 CLARE-LIA130 Datasheet
172Kb / 10P
Optically Isolated Error Amplifier
logo
IXYS Corporation
LIA130 IXYS-LIA130 Datasheet
175Kb / 11P
Optically Isolated Error Amplifier
logo
Fairchild Semiconductor
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
Optically Isolated Error Amplifier
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com