Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIA136 Datasheet(PDF) 3 Page - IXYS Corporation

Part # LIA136
Description  Low Voltage Optically Isolated Error Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LIA136 Datasheet(HTML) 3 Page - IXYS Corporation

  LIA136 Datasheet HTML 1Page - IXYS Corporation LIA136 Datasheet HTML 2Page - IXYS Corporation LIA136 Datasheet HTML 3Page - IXYS Corporation LIA136 Datasheet HTML 4Page - IXYS Corporation LIA136 Datasheet HTML 5Page - IXYS Corporation LIA136 Datasheet HTML 6Page - IXYS Corporation LIA136 Datasheet HTML 7Page - IXYS Corporation LIA136 Datasheet HTML 8Page - IXYS Corporation LIA136 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
LIA135 / LIA13
R01
www.ixysic.com
3
1. Specifications
1.1 Package Pinout
1.2 Pin Description
1.3 Absolute Maximum Ratings
1 Derate linearly from 25°C at a rate of 2.42mW/°C.
2 Derate linearly from 25°C at a rate of 1.42mW/°C.
Unless otherwise specified, Absolute Maximum ratings are at 25°C. Absolute Maximum Ratings are stress ratings.
Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at
these or any other conditions beyond those indicated in the operational sections of this data sheet is not implied.
Typical values are characteristic of the device at 25°C, and are the result of engineering evaluations. They are
provided for information purposes only, and are not part of the manufacturing testing requirements.
8
7
6
5
1
2
3
4
Pin#
Name
Description
1
N/C
No Connect - not used
2
N/C
LIA135: No Connect - not used
B
LIA136: Phototransistor Base
3
C
Phototransistor Collector
4
E
Phototransistor Emitter
5
LED
LED Anode and Input Side Power
6COMP
Error Amplifier Compensation
(Error amplifier output)
7
GND
Ground (Secondary side of supply)
8FB
Feedback Input
(Error Amplifier Input / Summing node)
Parameter
Symbol
Ratings
Unit
Collector-Emitter Voltage
VCEO
25
V
Emitter-Collector Voltage
VECO
7V
Collector Current
ICE
50
mA
Input Voltage (Referenced to GND)
VLED
15
V
Input DC Current
ILED
20
mA
Input Power Dissipation 1
PD(IN)
145
mW
Transistor Power Dissipation 2
PD(NPN)
85
mW
Total Power Dissipation 1
PD
145
mW
Isolation Voltage, Input Side to Output Side
VIO
3750
Vrms
Operating Temperature:
TA
LIA135
-40 to +85
°C
LIA136
-40 to +110
°C
Storage Temperature
TSTG
-55 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com