Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7101G Datasheet(PDF) 7 Page - Rohm

Part # LM7101G
Description  Input/Output Full Swing Low Power Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM7101G Datasheet(HTML) 7 Page - Rohm

Back Button LM7101G Datasheet HTML 3Page - Rohm LM7101G Datasheet HTML 4Page - Rohm LM7101G Datasheet HTML 5Page - Rohm LM7101G Datasheet HTML 6Page - Rohm LM7101G Datasheet HTML 7Page - Rohm LM7101G Datasheet HTML 8Page - Rohm LM7101G Datasheet HTML 9Page - Rohm LM7101G Datasheet HTML 10Page - Rohm LM7101G Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200650-1-2
©2013 ROHM Co., Ltd. All rights reserved.
7/18
12.APR.2013 Rev.001
TSZ22111・15・001
LM7101G
●
Typical Performance Curves (Reference data) – Continued
○
LM7101G
1.0
2.0
3.0
4.0
5.0
6.0
-50
-25
0
255075
100
AMBIENT TEMPERATURE [°C]
10
15
20
25
30
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
0
2
4
6
8
10
00.5
11.5
2
OUTPUT VOLTAGE [V]
10
15
20
25
30
123
45
6
SUPPLY VOLTAGE [V]
-40℃
25℃
85℃
-40℃
25℃
85℃
Figure 9.
Output Source Current – Output Voltage
(VCC=1.8V)
Figure 6.
Output Voltage High – Ambient Temperature
(RL=2kΩ)
5.0V
1.8V
Figure 7.
Output Voltage Low – Supply Voltage
(RL=2kΩ)
Figure 8.
Output Voltage Low –Ambient Temperature
(RL=2kΩ)
5.0V
1.8V
(*)The data above is
measurement value of typical sample, it is not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com