Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC138F Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC138F
Description  1-of-8 Decoder/Demultiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC138F Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54AC138F Datasheet HTML 1Page - National Semiconductor (TI) 54AC138F Datasheet HTML 2Page - National Semiconductor (TI) 54AC138F Datasheet HTML 3Page - National Semiconductor (TI) 54AC138F Datasheet HTML 4Page - National Semiconductor (TI) 54AC138F Datasheet HTML 5Page - National Semiconductor (TI) 54AC138F Datasheet HTML 6Page - National Semiconductor (TI) 54AC138F Datasheet HTML 7Page - National Semiconductor (TI) 54AC138F Datasheet HTML 8Page - National Semiconductor (TI) 54AC138F Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
54AC138
• 54ACT138
1-of-8 Decoder/Demultiplexer
General Description
The
’AC/’ACT138
is
a
high-speed
1-of-8
decoder/
demultiplexer. This device is ideally suited for high-speed bi-
polar memory chip select address decoding. The multiple in-
put enables allow parallel expansion to a 1-of-24 decoder
using just three ’AC/’ACT138 devices or a 1-of-32 decoder
using four ’AC/’ACT138 devices and one inverter.
Features
n ICC reduced by 50%
n Demultiplexing capability
n Multiple input enable for easy expansion
n Active LOW mutually exclusive outputs
n Outputs source/sink 24 mA
n ’ACT138 has TTL-compatible inputs
n Standard Microcircuit Drawing (SMD)
— ’AC138: 5962-87622
— ’ACT138: 5962-87554
Logic Symbols
Pin Names
Description
A
0–A2
Address Inputs
E
1–E2
Enable Inputs
E
3
Enable Input
O
0–O7
Outputs
Connection Diagrams
FACT® is a registered trademark of Fairchild Semiconductor Corporation.
DS100268-1
IEEE/IEC
DS100268-7
Pin Assignment
for DIP and Flatpak
DS100268-2
Pin Assignment
for LCC
DS100268-3
August 1998
© 1998 National Semiconductor Corporation
DS100268
www.national.com


Similar Part No. - 54AC138F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC138 TI-54AC138 Datasheet
39Kb / 7P
3-to-8-Line Decoders/Demultiplexers
More results

Similar Description - 54AC138F

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS138 MOTOROLA-SN54LS138 Datasheet
185Kb / 5P
1-OF-8 DECODER/ DEMULTIPLEXER
logo
National Semiconductor ...
54F138DM NSC-54F138DM Datasheet
174Kb / 10P
1-of-8 Decoder/Demultiplexer
logo
NXP Semiconductors
74ALS138 PHILIPS-74ALS138 Datasheet
76Kb / 8P
1-of-8 decoder/demultiplexer
1996 Jul 03
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
1-of-8 Decoder/Demultiplexer
logo
Hitachi Semiconductor
HD74AC138 HITACHI-HD74AC138 Datasheet
66Kb / 11P
1-of-8 Decoder/Demultiplexer
logo
Integral Corp.
IN74ACT138 INTEGRAL-IN74ACT138 Datasheet
161Kb / 5P
1-OF-8 DECODER/DEMULTIPLEXER
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
1-OF-8 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
MC74HC138A ONSEMI-MC74HC138A_12 Datasheet
142Kb / 10P
1-of-8 Decoder/ Demultiplexer
July, 2012 ??Rev. 12
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
1-of-8 Decoder/Demultiplexer
Revised July 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com