Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSE45 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PSE45
Description  torque control.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PSE45 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PSE45 Datasheet HTML 1Page - List of Unclassifed Manufacturers PSE45 Datasheet HTML 2Page - List of Unclassifed Manufacturers PSE45 Datasheet HTML 3Page - List of Unclassifed Manufacturers PSE45 Datasheet HTML 4Page - List of Unclassifed Manufacturers PSE45 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
30 Softstarters | 1SFC132005C0201, rev. M
1SFC132005C0201, rev. M | Softstarters 31
PSE – The efficient range
Normal starts, class 10, in-line, ordering details
PSE18 ... PSE370
Rated operational voltage, U
e, 208-600 V AC
Rated control supply voltage, U
s, 100-250 V AC, 50/60 Hz
Motor power
230 V
P
e
kW
400 V
P
e
kW
500 V
P
e
kW
IEC
Max rated
operational
curent I
e
A
Type
Order code
Weight
kg
1 piece
4
7.5
11
18
PSE18-600-70
1SFA897101R7000
2.4
5.5
11
15
25
PSE25-600-70
1SFA897102R7000
2.4
7.5
15
18.5
30
PSE30-600-70
1SFA897103R7000
2.4
9
18.5
22
37
PSE37-600-70
1SFA897104R7000
2.4
11
22
30
45
PSE45-600-70
1SFA897105R7000
2.4
15
30
37
60
PSE60-600-70
1SFA897106R7000
2.4
18.5
37
45
72
PSE72-600-70
1SFA897107R7000
2.5
22
45
55
85
PSE85-600-70
1SFA897108R7000
2.5
30
55
75
106
PSE105-600-70
1SFA897109R7000
2.5
40
75
90
143
PSE142-600-70
1SFA897110R7000
4.2
45
90
110
171
PSE170-600-70
1SFA897111R7000
4.2
59
110
132
210
PSE210-600-70
1SFA897112R7000
12.4
75
132
160
250
PSE250-600-70
1SFA897113R7000
13.9
90
160
200
300
PSE300-600-70
1SFA897114R7000
13.9
110
200
250
370
PSE370-600-70
1SFA897115R7000
13.9
PSE – The efficient range
Heavy-duty starts, class 30, in-line, ordering details
PSE18 ... PSE370
Rated operational voltage, U
e, 208-600 V AC
Rated control supply voltage, U
s, 100 - 250 V AC, 50/60 Hz
Motor power
230 V
P
e
kW
400 V
P
e
kW
500 V
P
e
kW
IEC
Max rated
operational
curent I
e
A
Type
Order code
Weight
kg
1 piece
3
5.5
7.5
12
PSE18-600-70
1SFA897101R7000
2.4
4
7.5
11
18
PSE25-600-70
1SFA897102R7000
2.4
5.5
11
15
25
PSE30-600-70
1SFA897103R7000
2.4
7.5
15
18.5
30
PSE37-600-70
1SFA897104R7000
2.4
9
18.5
22
37
PSE45-600-70
1SFA897105R7000
2.4
11
22
30
45
PSE60-600-70
1SFA897106R7000
2.4
15
30
37
60
PSE72-600-70
1SFA897107R7000
2.5
18.5
37
45
72
PSE85-600-70
1SFA897108R7000
2.5
22
45
55
85
PSE105-600-70
1SFA897109R7000
2.5
30
55
75
106
PSE142-600-70
1SFA897110R7000
4.2
40
75
90
143
PSE170-600-70
1SFA897111R7000
4.2
45
90
110
171
PSE210-600-70
1SFA897112R7000
12.4
59
110
132
210
PSE250-600-70
1SFA897113R7000
13.9
75
132
160
250
PSE300-600-70
1SFA897114R7000
13.9
90
160
200
300
PSE370-600-70
1SFA897115R7000
13.9
Heavy duty
PSE210 ... PSE370
PSE18 ... PSE105
PSE142 ... PSE170
PSE210 ... PSE370
PSE18 ... PSE105
PSE142 ... PSE170



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com