Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC158L Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC158L
Description  Quad 2-Input Multiplexer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC158L Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54AC158L Datasheet HTML 1Page - National Semiconductor (TI) 54AC158L Datasheet HTML 2Page - National Semiconductor (TI) 54AC158L Datasheet HTML 3Page - National Semiconductor (TI) 54AC158L Datasheet HTML 4Page - National Semiconductor (TI) 54AC158L Datasheet HTML 5Page - National Semiconductor (TI) 54AC158L Datasheet HTML 6Page - National Semiconductor (TI) 54AC158L Datasheet HTML 7Page - National Semiconductor (TI) 54AC158L Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54AC158
• 54ACT158
Quad 2-Input Multiplexer
General Description
The ’AC/’ACT158 is a high-speed quad 2-input multiplexer. It
selects four bits of data from two sources using the common
Select and Enable inputs. The four buffered outputs present
the selected data in the inverted form. The ’AC/’ACT158 can
also be used as a function generator.
Features
n ICC reduced by 50%
n Outputs source/sink 24 mA
n ’ACT158 has TTL-compatible inputs
n Standard Microcircuit Drawing (SMD)
— ’AC158: 5962-89729
— ’ACT158: 5962-88755
Logic Symbols
Connection Diagrams
Pin Names
Description
I
0a–I0d
Source 0 Data Inputs
I
1a–I 1d
Source 1 Data Inputs
E
Enable Input
S
Select Input
Z
a–Zd
Inverted Outputs
FACT™ is a trademark of Fairchild Semiconductor Corporation.
DS100273-1
IEE/IEC
DS100273-2
Pin Assignment
for DIP and Flatpak
DS100273-3
Pin Assignment
for LCC
DS100273-4
July 1998
© 1998 National Semiconductor Corporation
DS100273
www.national.com


Similar Part No. - 54AC158L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC158 TI1-54AC158 Datasheet
144Kb / 9P
Quad 2-Input Multiplexer
More results

Similar Description - 54AC158L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
Quad 2-input multiplexer
1998 Apr 30
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
Quad 2-Input Multiplexer
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
Quad 2-Input Multiplexer
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com