Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KFO-RX16CB Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KFO-RX16CB
Description  Fiber Optic Receiving Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KFO-RX16CB Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KFO-RX16CB Datasheet HTML 1Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fiber Optic Receiving Module
Features
High PD Sensitivity Optimized for Red Light
Data Rate between 100Kbps and 16Mbps
Low Power Comsumption for
Extended Battery Life
Built-in Threshold Control for
Improved Noise Margin
2 pin Cap Housing
Applications
Digital Optical Data-Links
Dolby AC-3 Digital Audio Interface
Amplifier
Absolute Maximum Ratings
[Ta = 25 ]
*1 : Soldering Time
10 seconds(At a distance of 1mm from the package)
Electro-Optical Characteristics
[Vcc= 5V, Ta= 25 ]
Jitter
tj
MAX 25 ns
-
tw
MAX 15 ns
-
Fall Time
tr
MAX 15 ns
-
Pulse Width Distortion
Rise Time
tr
MAX 15 ns
-
Propagation Delay Time ( L -> H )
t pLH
MAX 100 ns
-
Propagation Delay Time ( H -> L )
t pHL
MAX 100 ns
-
Low Level Output Voltage
VOL
MAX 0.4 V
-
High Level Output Voltage
VOH
MIN 2.4 V
-
Current Consumption
ICC
MAX 6.0 mA
-
Optical Output Coupling with Fiber
Pc
MIN -24 dBm
-
Data Rate
T
TYP 16 Mbps
-
Peak Emission Wavelength
p
TYP 700 nm
-
Operating Supply Voltage
Vcc
4.75 ~ 5.25 V
-
Parameter
Symbol
Characteristics
Condition
Description
Symbol
Ratings
Condition
Power Supply Voltage
Vcc
-0.5 ~ +7.0
-
Topr
-20 ~ +70
-
Input Voltage
VIN
Vcc+0.3V
-
KFO-RX16CB
Soldering Temperature *1
Tsol
260
-
Storage Temperature
Vstg
- 30 ~ + 80
-
Operating Temperature
Dimensions
(Unit : )
1/1


Similar Part No. - KFO-RX16CB

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KFO-RX16CA KODENSHI-KFO-RX16CA Datasheet
197Kb / 1P
Fiber Optic Receiving Module
More results

Similar Description - KFO-RX16CB

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KFO-RX16CA KODENSHI-KFO-RX16CA Datasheet
197Kb / 1P
Fiber Optic Receiving Module
logo
Toshiba Semiconductor
TORX178S TOSHIBA-TORX178S Datasheet
111Kb / 4P
FIBER OPTIC RECEIVING MODULE
TORX173 TOSHIBA-TORX173 Datasheet
134Kb / 7P
FIBER OPTIC RECEIVING MODULE
TORX141P TOSHIBA-TORX141P Datasheet
149Kb / 5P
FIBER OPTIC RECEIVING MODULE
TORX170 TOSHIBA-TORX170 Datasheet
167Kb / 9P
FIBER OPTIC RECEIVING MODULE
TORX179PL TOSHIBA-TORX179PL Datasheet
367Kb / 6P
FIBER OPTIC RECEIVING MODULE
TORX198 TOSHIBA-TORX198 Datasheet
145Kb / 8P
FIBER OPTIC RECEIVING MODULE
logo
Ceramate Technical
RX179ATW CERAMATE-RX179ATW Datasheet
146Kb / 7P
Fiber Optic Receiving Module
logo
Toshiba Semiconductor
TORX193 TOSHIBA-TORX193 Datasheet
148Kb / 8P
FIBER OPTIC RECEIVING MODULE
TORX1350A TOSHIBA-TORX1350A Datasheet
326Kb / 6P
FIBER OPTIC RECEIVING MODULE
2020-03-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com