Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS054D-470 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSS054D-470
Description  SMD WIRE WOUND POWER INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSS054D-470 Datasheet(HTML) 1 Page - Frontier Electronics.

  CSS054D-470 Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CSS054D Series
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Rev. A
A. Electrical Specifications:
P/N
Marking
Inductance
(μH)
Test Freq.
(KHz)
DCR Max.
(Ω)
Rated Current
(A) Max.
CSS054D-100_
100
10
100
0.07
1.65
CSS054D-120_
120
12
100
0.07
1.57
CSS054D-150_
150
15
100
0.08
1.39
CSS054D-180_
180
18
100
0.10
1.29
CSS054D-220_
220
22
100
0.13
1.12
CSS054D-270_
270
27
100
0.16
1.06
CSS054D-330_
330
33
100
0.18
0.97
CSS054D-390_
390
39
100
0.18
0.91
CSS054D-470_
470
47
100
0.27
0.80
CSS054D-560_
560
56
100
0.29
0.76
CSS054D-680_
680
68
100
0.33
0.68
CSS054D-820_
820
82
100
0.43
0.62
CSS054D-101_
101
100
10
0.49
0.55
CSS054D-121_
121
120
10
0.68
0.49
CSS054D-151_
151
150
10
0.94
0.44
CSS054D-181_
181
180
10
1.00
0.40
CSS054D-221_
221
220
10
1.18
0.36
CSS054D-271_
271
270
10
1.30
0.33
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
CSS054D
7.0
(0.276)
7.5
(0.295)
4.5
(0.177)
7.5
(0.295)
2.0
(0.079)
4.0
(0.157)
Tol.
±0.35
(0.014)
±0.35
(0.014)
±0.4
(0.016)
Typ.
Typ.
Typ.
C. General Information:
1. P/N: CSS054D-xxx_, “CSS054D” = Type, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_” : M = ± 20%.
3. Operating temperature range: -25ºC to +85ºC (Including self-generated heat).
4. Inductance measured using the HP4284A LCR meter.
5. DCR measured using 502BC milli-ohm meter.
6. Indu
ctance drop no more than 10% of initial value at rated current, temperature rise ∆t < 40ºC.
7. Inductance and Current range: From 10 µH (1.65A) to 270 µH (0.33A).
8. MSL: Level 1.
D. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
5. Mobile Communication Devices (Cell Phones, Radios, etc.)
6. PDA, LCD, DVD, BRP, HD.
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - CSS054D-470

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSS054D FRONTIER-CSS054D Datasheet
121Kb / 5P
Tape and Reel Specifications
CSS054D FRONTIER-CSS054D Datasheet
202Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS054D100 FRONTIER-CSS054D100 Datasheet
202Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS054D101 FRONTIER-CSS054D101 Datasheet
202Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS054D120 FRONTIER-CSS054D120 Datasheet
202Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results

Similar Description - CSS054D-470

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSM0310D-1R0M FRONTIER-CSM0310D-1R0M Datasheet
186Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSM0418D-1R0M FRONTIER-CSM0418D-1R0M Datasheet
160Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS063D-100M FRONTIER-CSS063D-100M Datasheet
188Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS0211P-1R5N FRONTIER-CSS0211P-1R5N Datasheet
174Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS0218P-2R2M FRONTIER-CSS0218P-2R2M Datasheet
173Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS0316P-1R5L FRONTIER-CSS0316P-1R5L Datasheet
174Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS0418P-1R0L FRONTIER-CSS0418P-1R0L Datasheet
185Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSMH0312D FRONTIER-CSMH0312D Datasheet
208Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS1050P FRONTIER-CSS1050P Datasheet
216Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
logo
Shanghai Leiditech Elec...
WSPA8040S LEIDITECH-WSPA8040S Datasheet
1Mb / 5P
Wire Wound SMD Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com