Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS063D-680 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSS063D-680
Description  SMD WIRE WOUND POWER INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSS063D-680 Datasheet(HTML) 1 Page - Frontier Electronics.

  CSS063D-680 Datasheet HTML 1Page - Frontier Electronics. CSS063D-680 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSS063D Series
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Rev. A
A. Electrical Specifications:
P/N
Marking
Inductance
(μH)
Test Freq.
(KHz)
DCR Max.
(Ω)
Rated Current
(A) Max.
CSS063D-100_
100
10
100
0.14
1.00
CSS063D-120_
120
12
100
0.16
0.94
CSS063D-150_
150
15
100
0.18
0.86
CSS063D-180_
180
18
100
0.25
0.78
CSS063D-220_
220
22
100
0.32
0.76
CSS063D-270_
270
27
100
0.36
0.64
CSS063D-330_
330
33
100
0.41
0.61
CSS063D-390_
390
39
100
0.47
0.53
CSS063D-470_
470
47
100
0.51
0.50
CSS063D-560_
560
56
100
0.72
0.46
CSS063D-680_
680
68
100
0.82
0.42
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
CSS063D
5.6
(0.220)
6.2
(0.244)
3.2
(0.126)
5.5
(0.217)
1.7
(0.067)
2.25
(0.089)
Tol.
±0.3
(0.012)
±0.3
(0.012)
±0.3
(0.012)
Typ.
Typ.
Typ.
C. General Information:
1. P/N: CSS063D-xxx_, “CSS063D” = Type, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_” : M = ± 20%.
3. Operating temperature range: -25ºC to +85ºC (Including self-generated heat).
4. Inductance measured using the HP4284A LCR meter.
5. DCR measured using 502BC milli-ohm meter.
6. Inductance drop no more than 10% of initial value at rated current, temperature rise
∆t < 40ºC.
7. Inductance and Current range: From 10 µH (1.00A) to 68 µH (0.42A).
8. MSL: Level 1.
D. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
5. Mobile Communication Devices (Cell Phones, Radios, etc.)
6. PDA, LCD, DVD, BRP, HD.
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - CSS063D-680

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSS063D FRONTIER-CSS063D Datasheet
121Kb / 5P
Tape and Reel Specifications
CSS063D100 FRONTIER-CSS063D100 Datasheet
188Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS063D120 FRONTIER-CSS063D120 Datasheet
188Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS063D150 FRONTIER-CSS063D150 Datasheet
188Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS063D180 FRONTIER-CSS063D180 Datasheet
188Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results

Similar Description - CSS063D-680

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSM0310D-1R0M FRONTIER-CSM0310D-1R0M Datasheet
186Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSM0418D-1R0M FRONTIER-CSM0418D-1R0M Datasheet
160Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS054D-100M FRONTIER-CSS054D-100M Datasheet
202Kb / 1P
SMD WIRE WOUND POWER INDUCTORS
CSS0211P-1R5N FRONTIER-CSS0211P-1R5N Datasheet
174Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS0218P-2R2M FRONTIER-CSS0218P-2R2M Datasheet
173Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS0316P-1R5L FRONTIER-CSS0316P-1R5L Datasheet
174Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS0418P-1R0L FRONTIER-CSS0418P-1R0L Datasheet
185Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSMH0312D FRONTIER-CSMH0312D Datasheet
208Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS1050P FRONTIER-CSS1050P Datasheet
216Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
logo
Shanghai Leiditech Elec...
WSPA8040S LEIDITECH-WSPA8040S Datasheet
1Mb / 5P
Wire Wound SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com