Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC151F Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC151F
Description  8-Input Multiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC151F Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54AC151F Datasheet HTML 1Page - National Semiconductor (TI) 54AC151F Datasheet HTML 2Page - National Semiconductor (TI) 54AC151F Datasheet HTML 3Page - National Semiconductor (TI) 54AC151F Datasheet HTML 4Page - National Semiconductor (TI) 54AC151F Datasheet HTML 5Page - National Semiconductor (TI) 54AC151F Datasheet HTML 6Page - National Semiconductor (TI) 54AC151F Datasheet HTML 7Page - National Semiconductor (TI) 54AC151F Datasheet HTML 8Page - National Semiconductor (TI) 54AC151F Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
54AC151
54ACT151
8-Input Multiplexer
General Description
The ’AC/’ACT151 is a high-speed 8-input digital multiplexer.
It provides, in one package, the ability to select one line of
data from up to eight sources. The ’AC/’ACT151 can be used
as a universal function generator to generate any logic func-
tion of four variables. Both true and complementary outputs
are provided.
Features
n ICC reduced by 50%
n Outputs source/sink 24 mA
n ’ACT151 has TTL-compatible inputs
n Standard Microcircuit Drawing (SMD)
— ’AC151: 5962-87691
— ’ACT151: 5962-88756
Ordering Code:
Logic Symbols
Pin
Names
Description
I
0–I7
Data Inputs
S
0–S2
Select Inputs
E
Enable Input
Z
Data Output
Z
Inverted Data Output
FACT® is a registered trademark of Fairchild Semiconductor Corporation.
DS100270-1
IEEE/IEC
DS100270-6
August 1998
© 1998 National Semiconductor Corporation
DS100270
www.national.com


Similar Part No. - 54AC151F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC151 NSC-54AC151 Datasheet
170Kb / 9P
8-Input Multiplexer
54AC151 NSC-54AC151_03 Datasheet
170Kb / 9P
8-Input Multiplexer
More results

Similar Description - 54AC151F

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS151 MOTOROLA-SN54LS151 Datasheet
174Kb / 5P
8-INPUT MULTIPLEXER
logo
National Semiconductor ...
54F151ADM NSC-54F151ADM Datasheet
158Kb / 8P
8-Input Multiplexer
logo
NXP Semiconductors
74ALS151 PHILIPS-74ALS151 Datasheet
98Kb / 8P
8-input multiplexer
1991 Feb 08
logo
Texas Instruments
CD74AC151 TI-CD74AC151 Datasheet
35Kb / 7P
8-Input Multiplexer
logo
Fairchild Semiconductor
74AC151 FAIRCHILD-74AC151 Datasheet
97Kb / 9P
8-Input Multiplexer
logo
NXP Semiconductors
74AC11251 PHILIPS-74AC11251 Datasheet
176Kb / 7P
8-INPUT MULTIPLEXER
October 17 1990
logo
Fairchild Semiconductor
74F151A FAIRCHILD-74F151A Datasheet
81Kb / 7P
8-Input Multiplexer
logo
National Semiconductor ...
54AC151 NSC-54AC151_03 Datasheet
170Kb / 9P
8-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT151 PHILIPS-74HC_HCT151_15 Datasheet
195Kb / 19P
8-input multiplexer
Rev. 5-26 January 2015
logo
Nexperia B.V. All right...
74HC151-Q100 NEXPERIA-74HC151-Q100 Datasheet
764Kb / 17P
8-input multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com