Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7300MM/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7300MM/NOPB
Description  Micropower Precision Comparator and Precision Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7300MM/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMP7300MM/NOPB Datasheet HTML 4Page - Texas Instruments LMP7300MM/NOPB Datasheet HTML 5Page - Texas Instruments LMP7300MM/NOPB Datasheet HTML 6Page - Texas Instruments LMP7300MM/NOPB Datasheet HTML 7Page - Texas Instruments LMP7300MM/NOPB Datasheet HTML 8Page - Texas Instruments LMP7300MM/NOPB Datasheet HTML 9Page - Texas Instruments LMP7300MM/NOPB Datasheet HTML 10Page - Texas Instruments LMP7300MM/NOPB Datasheet HTML 11Page - Texas Instruments LMP7300MM/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
0
0.5
1
1.5
2
2.046
2.047
2.048
2.049
2.050
SOURCE CURRENT (mA)
125°C
85°C
25°C
-40°C
V
+
= 12V
2
4
6
8
10
12
2.044
2.046
2.048
2.050
2.052
SUPPLY VOLTAGE (V)
125°C
85°C
25°C
-40°C
VREF UNLOADED
0
2
4
6
8
10
0
0.1
0.2
0.3
0.4
0.5
LOAD CURRENT (mA)
125°C
85°C
25°C
-40°C
V
+
= 2.7V
0
2
4
6
8
10
0
0.1
0.2
0.3
0.4
0.5
LOAD CURRENT (mA)
125°C
85°C
25°C
-40°C
V
+
= 5V
0
2
4
6
8
10
0
0.1
0.2
0.3
0.4
0.5
LOAD CURRENT (mA)
125°C
85°C
25°C
-40°C
V
+
= 12V
2
4
6
8
10
12
0
5
10
15
20
SUPPLY VOLTAGE (V)
125°C
85°C
25°C
-40°C
LMP7300
SNOSAT7G – AUGUST 2007 – REVISED OCTOBER 2015
www.ti.com
6.8 Typical Characteristics
Figure 1. Supply Current vs Supply Voltage
Figure 2. Output Low Voltage vs Load Current
Figure 3. Output Low Voltage vs Load Current
Figure 4. Output Low Voltage vs Load Current
Figure 5. Reference Voltage vs Supply Voltage
Figure 6. Reference Voltage vs Source Current
8
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LMP7300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com