Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLM339P Datasheet(PDF) 6 Page - Texas Instruments

Part # MLM339P
Description  Low-Power Low-Offset Voltage Quad Comparators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MLM339P Datasheet(HTML) 6 Page - Texas Instruments

Back Button MLM339P Datasheet HTML 2Page - Texas Instruments MLM339P Datasheet HTML 3Page - Texas Instruments MLM339P Datasheet HTML 4Page - Texas Instruments MLM339P Datasheet HTML 5Page - Texas Instruments MLM339P Datasheet HTML 6Page - Texas Instruments MLM339P Datasheet HTML 7Page - Texas Instruments MLM339P Datasheet HTML 8Page - Texas Instruments MLM339P Datasheet HTML 9Page - Texas Instruments MLM339P Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LM139-N, LM239-N, LM2901-N, LM3302-N, LM339-N
SNOSBJ3E – NOVEMBER 1999 – REVISED DECEMBER 2014
www.ti.com
6.5 Electrical Characteristics: LM139A, LM239A, LM339A, LM139
(V
+=5 V
DC, TA = 25°C
(1) unless otherwise stated)
LM139A
LM239A, LM339A
LM139
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
See(2)
1.0
2.0
1.0
2.0
2.0
5.0
mVDC
Input Bias Current
IIN(+) or IIN(−) with Output in
25
100
25
250
25
100
nADC
Linear Range(3), VCM=0 V
Input Offset Current
IIN(+) − IIN(−), VCM= 0 V
3.0
25
5.0
50
3.0
25
nADC
Input Common-Mode
V+=30 VDC (LM3302,
0
V+
−1.5
0
V+
−1.5
0
V+
−1.5
VDC
Voltage Range
V+ = 28 VDC)
(4)
Supply Current
(LM3302, V+ = 28 VDC), RL = ∞
0.8
2.0
0.8
2.0
0.8
2.0
mADC
on all Comparators
(LM3302, V+ = 28 VDC), RL =
1.0
2.5
1.0
2.5
mADC
∞, V+ = 36 V
Voltage Gain
RL≥15 kΩ, V
+ = 15 V
DC
50
200
50
200
50
200
V/mV
VO = 1 VDC to 11 VDC
Large Signal
VIN = TTL Logic Swing, VREF =
Response Time
1.4 VDC, VRL = 5 VDC,
300
300
300
ns
RL = 5.1 kΩ
Response Time
VRL = 5 VDC, RL = 5.1 kΩ
(5)
1.3
1.3
1.3
μs
Output Sink Current
VIN(−) = 1 VDC, VIN(+) = 0,
6.0
16
6.0
16
6.0
16
mADC
VO ≤ 1.5 VDC
Saturation Voltage
VIN(−) = 1 VDC, VIN(+) = 0,
250
400
250
400
250
400
mVDC
ISINK ≤ 4 mA
Output Leakage
VIN(+) = 1 VDC, VIN(−) = 0,
0.1
0.1
0.1
nADC
Current
VO = 5 VDC
Input Offset Voltage
See(2)
4.0
4.0
9.0
mVDC
Input Offset Current
IIN(+)−IIN(−), VCM = 0 V
100
150
100
nADC
Input Bias Current
IIN(+) or IIN(−) with Output in
300
400
300
nADC
Linear Range, VCM = 0 V
(3)
Input Common-Mode
V+=30 VDC (LM3302),
0
V+
−2.0
0
V+
−2.0
0
V+
−2.0
VDC
Voltage Range
V+ = 28 VDC)
(4)
Saturation Voltage
VIN(−)=1 VDC, VIN(+) = 0,
700
700
700
mVDC
ISINK ≤ 4 mA
Output Leakage
VIN(+) = 1 VDC, VIN(−) = 0,
Current
VO = 30 VDC, (LM3302,
1.0
1.0
1.0
μADC
VO = 28 VDC)
Differential Input
Keep all VIN's ≥ 0 VDC (or V
−, if
36
36
36
VDC
Voltage
used)(6)
(1)
These specifications are limited to
−55°C ≤ TA ≤ 125°C, for the LM139/LM139A. With the LM239/LM239A, all temperature specifications
are limited to
−25°C ≤ TA ≤ 85°C, the LM339/LM339A temperature specifications are limited to 0°C ≤ TA ≤ 70°C, and the LM2901,
LM3302 temperature range is
−40°C ≤ TA ≤ 85°C.
(2)
At output switch point, VO≃1.4 VDC, RS = 0 Ω with V
+ from 5 V
DC to 30 VDC; and over the full input common-mode range (0 VDC to V
+
−1.5 VDC), at 25°C. For LM3302, V
+ from 5 V
DC to 28 VDC.
(3)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the reference or input lines.
(4)
The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end
of the common-mode voltage range is V+
−1.5V at 25°C, but either or both inputs can go to 30 VDC without damage (25V for LM3302),
independent of the magnitude of V+.
(5)
The response time specified is a 100-mV input step with 5-mV overdrive. For larger overdrive signals 300 ns can be obtained, see
typical performance characteristics section.
(6)
Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode
range, the comparator will provide a proper output state. The low input voltage state must not be less than
−0.3 VDC (or 0.3 VDCbelow
the magnitude of the negative power supply, if used) (at 25°C).
6
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM139-N LM239-N LM2901-N LM3302-N LM339-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com