Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7300MMX/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7300MMX/NOPB
Description  Micropower Precision Comparator and Precision Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7300MMX/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMP7300MMX/NOPB Datasheet HTML 15Page - Texas Instruments LMP7300MMX/NOPB Datasheet HTML 16Page - Texas Instruments LMP7300MMX/NOPB Datasheet HTML 17Page - Texas Instruments LMP7300MMX/NOPB Datasheet HTML 18Page - Texas Instruments LMP7300MMX/NOPB Datasheet HTML 19Page - Texas Instruments LMP7300MMX/NOPB Datasheet HTML 20Page - Texas Instruments LMP7300MMX/NOPB Datasheet HTML 21Page - Texas Instruments LMP7300MMX/NOPB Datasheet HTML 22Page - Texas Instruments LMP7300MMX/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
+
-
INP
INN
HYSTP
HYSTN
OUT
0.1
PF
R1
318.4 k
:
1%
GND
V
+
R5
LED
VREF
R3
9.86 k
:
1%
VBATT
so, if
VREF
VBATT
=
D and R2 is known,
The LED turns on when VBATT x
R2
R1 + R2
d VREF,
As an example:
VREF = 2.048V, VBATTLOW = +2.7V, R2 = 1 M:
then R1 = 318.4 k:
then, R1 = R2 ¨¨©
§
D
1 -
D
= R2 ¨©
§ VBATT - VREF
VREF
R2
1 M
:
1%
R4
1 M
:
1%
LMP7300
www.ti.com
SNOSAT7G – AUGUST 2007 – REVISED OCTOBER 2015
Typical Applications (continued)
Figure 26. Battery Voltage Monitor for 3-Cell Discharge Voltage
8.2.3.1 Design Requirements
The circuit in Figure 26 is configured to detect the low voltage threshold detection in a 3 cell, 0.9-V discharge
voltage, battery monitor application. R1 and R2 are chosen to set the inverting input voltage equal to the
noninverting input voltage when the battery voltage is equal to the minimum operating voltage of the system.
Here, the very precise reference output voltage is directly connected to the noninverting input on the comparator
and sets an accurate threshold voltage. The hysteresis is set to 0-mV negative and 20-mV positive. The output is
off for voltages higher than the minimum VBATT, and turns on when the circuit detects a minimum battery voltage
condition.
9 Power Supply Recommendations
Even in low-frequency applications, the LMP7300 can have internal transients which are extremely quick. For
this reason, bypassing the power supply with 1-
μF to ground will provide improved performance; the supply
bypass capacitor should be placed as close as possible to the supply pin and have a solid connection to ground.
The bypass capacitors should have a low ESR.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMP7300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com