Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL331 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL331
Description  Single Differential Comparator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL331 Datasheet(HTML) 1 Page - Texas Instruments

  TL331 Datasheet HTML 1Page - Texas Instruments TL331 Datasheet HTML 2Page - Texas Instruments TL331 Datasheet HTML 3Page - Texas Instruments TL331 Datasheet HTML 4Page - Texas Instruments TL331 Datasheet HTML 5Page - Texas Instruments TL331 Datasheet HTML 6Page - Texas Instruments TL331 Datasheet HTML 7Page - Texas Instruments TL331 Datasheet HTML 8Page - Texas Instruments TL331 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
IN+
IN−
OUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TL331
SLVS238G – AUGUST 1999 – REVISED JANUARY 2015
TL331 Single Differential Comparator
1 Features
3 Description
This device consists of a single voltage comparator
1
•
Single Supply or Dual Supplies
that is designed to operate from a single power
•
Wide Range of Supply Voltage, 2 V to 36 V
supply over a wide range of voltages. Operation from
•
Low Supply-Current Drain Independent of Supply
dual supplies also is possible if the difference
Voltage, 0.4 mA Typ
between the two supplies is 2 V to 36 V and VCC is at
least 1.5 V more positive than the input common-
•
Low Input Bias Current, 25 nA Typ
mode voltage. Current drain is independent of the
•
Low Input Offset Voltage, 2 mV Typ
supply voltage. The output can be connected to other
•
Common-Mode Input Voltage Range Includes
open-collector
outputs
to
achieve
wired-AND
Ground
relationships.
•
Differential Input Voltage Range Equal to
Device Information(1)
Maximum-Rated Supply Voltage, ±36 V
PART NUMBER
PACKAGE (PIN)
BODY SIZE (NOM)
•
Low Output Saturation Voltage
TL331
SOT (5)
2.90 mm × 1.60 mm
•
Output Compatible With TTL, MOS, and CMOS
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
2 Applications
•
Hysteresis Comparators
•
Oscillators
•
Window Comparators
•
Industrial Equipment
•
Test and Measurement
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TL331

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL331 TI-TL331 Datasheet
60Kb / 4P
SINGLE DIFFERENTIAL COMPARATOR
TL331 TI-TL331 Datasheet
161Kb / 6P
SINGLE DIFFERENTIAL COMPARATOR
TL331 TI1-TL331 Datasheet
995Kb / 21P
TL331B, TL391B and TL331 Single Comparators
logo
ON Semiconductor
TL331 ONSEMI-TL331 Datasheet
1Mb / 7P
Comparator, Single Channel, Open Collector, Low Power, Wide Supply Range
May, 2018 ??Rev. 2
logo
Texas Instruments
TL331 TI-TL331 Datasheet
1Mb / 27P
TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
More results

Similar Description - TL331

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL331 TI-TL331 Datasheet
60Kb / 4P
SINGLE DIFFERENTIAL COMPARATOR
TL331 TI-TL331_06 Datasheet
161Kb / 6P
SINGLE DIFFERENTIAL COMPARATOR
logo
Diodes Incorporated
AP331A DIODES-AP331A Datasheet
275Kb / 13P
SINGLE DIFFERENTIAL COMPARATOR
AP331A Rev. 2
logo
Texas Instruments
TL331-Q1 TI1-TL331-Q1 Datasheet
355Kb / 10P
SINGLE DIFFERENTIAL COMPARATOR
TL331KDBVR TI-TL331KDBVR Datasheet
744Kb / 10P
SINGLE DIFFERENTIAL COMPARATOR
TL331-EP TI1-TL331-EP_14 Datasheet
698Kb / 12P
SINGLE DIFFERENTIAL COMPARATOR
TL331-EP TI-TL331-EP_15 Datasheet
687Kb / 11P
SINGLE DIFFERENTIAL COMPARATOR
TL331-Q1 TI-TL331-Q1_15 Datasheet
687Kb / 11P
SINGLE DIFFERENTIAL COMPARATOR
TL331-Q1 TI1-TL331-Q1_13 Datasheet
703Kb / 11P
SINGLE DIFFERENTIAL COMPARATOR
TL331-EP TI1-TL331-EP_16 Datasheet
702Kb / 11P
SINGLE DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com