Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL331IDBVRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TL331IDBVRG4
Description  Single Differential Comparator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL331IDBVRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL331IDBVRG4 Datasheet HTML 3Page - Texas Instruments TL331IDBVRG4 Datasheet HTML 4Page - Texas Instruments TL331IDBVRG4 Datasheet HTML 5Page - Texas Instruments TL331IDBVRG4 Datasheet HTML 6Page - Texas Instruments TL331IDBVRG4 Datasheet HTML 7Page - Texas Instruments TL331IDBVRG4 Datasheet HTML 8Page - Texas Instruments TL331IDBVRG4 Datasheet HTML 9Page - Texas Instruments TL331IDBVRG4 Datasheet HTML 10Page - Texas Instruments TL331IDBVRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
80- A
m
Current Regulator
80 mA
60 mA
10 mA
VCC
10 mA
OUT
GND
IN+
IN−
Epi-FET
Diodes
Resistors
Transistors
COMPONENT COUNT
1
2
1
20
TL331
www.ti.com
SLVS238G – AUGUST 1999 – REVISED JANUARY 2015
8 Detailed Description
8.1 Overview
The TL331 is a single comparator with the ability to operate up to 36 V on the supply pin. This standard device
has proven ubiquity and versatility across a wide range of applications. This is due to it's very wide supply
voltages range (2 V to 36 V), low Iq and fast response.
The open-drain output allows the user to configure the output's logic low voltage (VOL) and can be utilized to
enable the comparator to be used in AND functionality.
8.2 Functional Block Diagram
Current values shown are nominal.
8.3 Feature Description
TL331 consists of a PNP darlington pair input, allowing the device to operate with very high gain and fast
response with minimal input bias current. The input Darlington pair creates a limit on the input common mode
voltage capability, allowing TL331 to accurately function from ground to VCC – 1.5 V differential input. This is
enables much head room for modern day supplies of 3.3 V and 5.0 V.
The output consists of an open drain NPN (pull-down or low side) transistor. The output NPN will sink current
when the positive input voltage is higher than the negative input voltage and the offset voltage. The VOL is
resistive and will scale with the output current. Please see Figure 3 for VOL values with respect to the output
current.
8.4 Device Functional Modes
8.4.1 Voltage Comparison
The TL331 operates solely as a voltage comparator, comparing the differential voltage between the positive and
negative pins and outputting a logic low or high impedance (logic high with pull-up) based on the input differential
polarity.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TL331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com