Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331M5X/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LMV331M5X/NOPB
Description  General-Purpose, Low-Voltage, Tiny Pack Comparators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV331M5X/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMV331M5X/NOPB Datasheet HTML 16Page - Texas Instruments LMV331M5X/NOPB Datasheet HTML 17Page - Texas Instruments LMV331M5X/NOPB Datasheet HTML 18Page - Texas Instruments LMV331M5X/NOPB Datasheet HTML 19Page - Texas Instruments LMV331M5X/NOPB Datasheet HTML 20Page - Texas Instruments LMV331M5X/NOPB Datasheet HTML 21Page - Texas Instruments LMV331M5X/NOPB Datasheet HTML 22Page - Texas Instruments LMV331M5X/NOPB Datasheet HTML 23Page - Texas Instruments LMV331M5X/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
LMV331-N, LMV339-N, LMV393-N
SNOS018H – AUGUST 1999 – REVISED DECEMBER 2014
www.ti.com
Typical Applications (continued)
Solving these equations for t1 and t2
t1 = R4C1ln2
(17)
t2 = R5C1ln2
(18)
These terms will have a slight error due to the fact that Vmax is not exactly equal to 2/3 VCC but is actually
reduced by the diode drop to:
(19)
(20)
(21)
8.2.4 Positive Peak Detector
Figure 25. Positive Peak Detector
Positive peak detector is basically the comparator operated as a unit gain follower with a large holding capacitor
from the output to ground. Additional transistor is added to the output to provide a low impedance current source.
When the output of the comparator goes high, current is passed through the transistor to charge up the
capacitor. The only discharge path will be the 1-M
Ω resistor shunting C1 and any load that is connected to the
output. The decay time can be altered simply by changing the 1-M
Ω resistor. The output should be used through
a high impedance follower to a avoid loading the output of the peak detector.
8.2.5 Negative Peak Detector
Figure 26. Negative Peak Detector
For the negative detector, the output transistor of the comparator acts as a low impedance current sink. The only
discharge path will be the 1-M
Ω resistor and any load impedance used. Decay time is changed by varying the 1-
M
Ω resistor.
20
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LMV331-N LMV339-N LMV393-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com