Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331M7/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMV331M7/NOPB
Description  General-Purpose, Low-Voltage, Tiny Pack Comparators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV331M7/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMV331M7/NOPB Datasheet HTML 3Page - Texas Instruments LMV331M7/NOPB Datasheet HTML 4Page - Texas Instruments LMV331M7/NOPB Datasheet HTML 5Page - Texas Instruments LMV331M7/NOPB Datasheet HTML 6Page - Texas Instruments LMV331M7/NOPB Datasheet HTML 7Page - Texas Instruments LMV331M7/NOPB Datasheet HTML 8Page - Texas Instruments LMV331M7/NOPB Datasheet HTML 9Page - Texas Instruments LMV331M7/NOPB Datasheet HTML 10Page - Texas Instruments LMV331M7/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
0
5
10
0
100
200
300
400
500
ISINK (mA)
85°C
-40°C
25°C
1
2
3
4
6
7
8
9
LMV331-N, LMV339-N, LMV393-N
www.ti.com
SNOS018H – AUGUST 1999 – REVISED DECEMBER 2014
6.9 Typical Characteristics
Unless otherwise specified, VS = +5V, single supply, TA = 25°C
Figure 1. Supply Current vs. Supply Voltage Output High
Figure 2. Supply Current vs. Supply Voltage Output Low
(LMV331-N)
(LMV331-N)
Figure 4. Output Voltage vs. Output Current at 2.7-V Supply
Figure 3. Output Voltage vs. Output Current at 5-V Supply
Figure 6. Response Time vs. Input Overdrive Negative
Figure 5. Input Bias Current vs. Supply Voltage
Transition
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMV331-N LMV339-N LMV393-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com