Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339DBLE Datasheet(PDF) 13 Page - Texas Instruments

Part # LM339DBLE
Description  Quad Differential Comparators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM339DBLE Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM339DBLE Datasheet HTML 9Page - Texas Instruments LM339DBLE Datasheet HTML 10Page - Texas Instruments LM339DBLE Datasheet HTML 11Page - Texas Instruments LM339DBLE Datasheet HTML 12Page - Texas Instruments LM339DBLE Datasheet HTML 13Page - Texas Instruments LM339DBLE Datasheet HTML 14Page - Texas Instruments LM339DBLE Datasheet HTML 15Page - Texas Instruments LM339DBLE Datasheet HTML 16Page - Texas Instruments LM339DBLE Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
1OUT
1
1INí
2
1IN+
3
GND
4
VCC
7
2OUT
6
2INí
5
2IN+
0.12F
Ground
Bypass
Capacitor
Negative Supply or Ground
Positive Supply
0.12F
Ground
Only needed
for dual power
supplies
14
13
12
11
8
9
10
3INí
3IN+
4INí
4IN+
3OUT
4OUT
±1
0
1
2
3
4
5
6
-0.25
0.25
0.75
1.25
1.75
2.25
Time (usec)
5mV OD
20mV OD
100mV OD
C004
±1
0
1
2
3
4
5
6
±0.25 0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Time (usec)
5mV OD
20mV OD
100mV OD
C006
LM139, LM239, LM339, LM139A
LM239A, LM339A, LM2901, LM2901AV, LM2901V
www.ti.com
SLCS006T – OCTOBER 1979 – REVISED JUNE 2015
9.2.3 Application Curves
Figure 8 and Figure 9 were generated with scope probe parasitic capacitance of 50 pF.
VCC = 5 V
VLogic = 5 V
RPULLUP = 5.1 kΩ
VCC = 5 V
VLogic = 5 V
RPULLUP = 5.1 kΩ
Figure 8. Response Time vs Output Voltage
Figure 9. Response Time vs Output Voltage
(Positive Transition)
(Negative Transition)
10 Power Supply Recommendations
For fast response and comparison applications with noisy or AC inputs, use a bypass capacitor on the supply pin
to reject any variation on the supply voltage. This variation can affect the common-mode range of the comparator
input and create an inaccurate comparison.
11 Layout
11.1 Layout Guidelines
To create an accurate comparator application without hysteresis, maintain a stable power supply with minimized
noise and glitches, which can affect the high level input common-mode voltage range. To achieve this accuracy,
add a bypass capacitor between the supply voltage and ground. Place a bypass capacitor on the positive power
supply and negative supply (if available).
NOTE
If a negative supply is not being used, do not place a capacitor between the GND pin of
the device and system ground.
11.2 Layout Example
Figure 10. LMx39 Layout Example
Copyright © 1979–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM139 LM239 LM339 LM139A LM239A LM339A LM2901 LM2901AV LM2901V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com