Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFBR030U3LP-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DFBR030U3LP-13
Description  3.0A SBR FULL BRIDGE RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFBR030U3LP-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  DFBR030U3LP-13 Datasheet HTML 1Page - Diodes Incorporated DFBR030U3LP-13 Datasheet HTML 2Page - Diodes Incorporated DFBR030U3LP-13 Datasheet HTML 3Page - Diodes Incorporated DFBR030U3LP-13 Datasheet HTML 4Page - Diodes Incorporated DFBR030U3LP-13 Datasheet HTML 5Page - Diodes Incorporated DFBR030U3LP-13 Datasheet HTML 6Page - Diodes Incorporated DFBR030U3LP-13 Datasheet HTML 7Page - Diodes Incorporated DFBR030U3LP-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SBR is a registered trademark of Diodes Incorporated.
DFBR030U3LP
Document number: DS35994 Rev. 8 - 2
4 of 8
www.diodes.com
June 2015
© Diodes Incorporated
DFBR030U3LP
Typical Performance Curves
– D1, D2
0
0.2
0.4
0.6
0.8
1
1.2
I
, AVERAGE FORWARD CURRENT (A)
F(AV)
Figure 1 Forward Power Dissipation
0
0.5
1
1.5
2
2.5
0.1
1
10
100
1,000
10,000
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Figure 2 Typical Forward Characteristics
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
T =25 C
A
°
T = -65 C
A
°
T =100 C
A
°
T =150 C
A
°
100mA
0
5
10
15
20
25
30
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Figure 3 Typical Reverse Characteristics
T =100 C
A
°
T =150 C
A
°
T =25 C
A
°
T = -65 C
A
°
10mA
1mA
100µA
10µA
1µA
100nA
10nA
100
1,000
10,000
0
5
10
15
20
25
30
V , DC REVERSE VOLTAGE (V)
R
Figure 4 Total Capacitance vs. Reverse Voltage
f = 1.0MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com