Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS0218P-3R3N Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSS0218P-3R3N
Description  SMD WIRE WOUND POWER INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSS0218P-3R3N Datasheet(HTML) 1 Page - Frontier Electronics.

  CSS0218P-3R3N Datasheet HTML 1Page - Frontier Electronics. CSS0218P-3R3N Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSS0218P Series
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Rev. A
A. Electrical Specifications:
P/N
Marking
Inductance
(μH)
Test Freq.
(KHz)
DCR Max.
(m
Ω)
Rated Current
(mA)
I sat
(mA)
CSS0218P-2R2N
2R2
2.2
100
41
2300
850
CSS0218P-3R3N
3R3
3.3
100
54
2100
750
CSS0218P-4R7N
4R7
4.7
100
78
1650
630
CSS0218P-6R8N
6R8
6.8
100
106
1320
520
CSS0218P-100N
100
10.0
100
180
1000
430
CSS0218P-150N
150
15.0
100
220
800
350
CSS0218P-220N
220
22.0
100
320
680
300
CSS0218P-330N
330
33.0
100
460
560
240
CSS0218P-470N
470
47.0
100
660
480
200
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
i
k
CSS0218P
3.2
(0.126)
3.2
(0.126)
2.0
(0.079)
Ø2.1
(0.083)
3.3
(0.130)
1.0
(0.039)
1.3
(0.051)
1.7
(0.067)
1.3
(0.051)
4.3
(0.169)
Tol.
Max.
Max.
Max.
±0.1
(0.004)
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
C. General Information:
1. CSS0218P-xxx_, “CSS0218P” = P/N, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_”: N: ± 30%, M: ± 20%, L= ± 15%.
3. Operating temperature range: -30ºC to +100ºC (Including self-heating).
4. Storage temperature: -40ºC to +85ºC.
5. Inductance measured using the HP4284A and Chroma1320 & 3302.
6. DCR measured using Chroma 16502 milliohm meter.
7. Inductance drop no more than 35% of initial value at Isat, temperature rise
∆t < 40ºC at rated current.
8. Inductance and Current range: From 2.2 µH (2300mA) to 47.0 µH (480mA).
9. MSL: Level 1.
D. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
5. Mobile Communication Devices (Cell Phones, Radios, etc.)
6. PDA, LCD, DVD, BRP, HD.
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - CSS0218P-3R3N

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSS0218P-3R3N FRONTIER-CSS0218P-3R3N Datasheet
173Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results

Similar Description - CSS0218P-3R3N

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSM0310D-1R0M FRONTIER-CSM0310D-1R0M Datasheet
186Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSM0418D-1R0M FRONTIER-CSM0418D-1R0M Datasheet
160Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS054D-100M FRONTIER-CSS054D-100M Datasheet
202Kb / 1P
SMD WIRE WOUND POWER INDUCTORS
CSS063D-100M FRONTIER-CSS063D-100M Datasheet
188Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS0211P-1R5N FRONTIER-CSS0211P-1R5N Datasheet
174Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS0316P-1R5L FRONTIER-CSS0316P-1R5L Datasheet
174Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS0418P-1R0L FRONTIER-CSS0418P-1R0L Datasheet
185Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSMH0312D FRONTIER-CSMH0312D Datasheet
208Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS1050P FRONTIER-CSS1050P Datasheet
216Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
logo
Shanghai Leiditech Elec...
WSPA8040S LEIDITECH-WSPA8040S Datasheet
1Mb / 5P
Wire Wound SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com