Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS0316P-2R2N Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSS0316P-2R2N
Description  SMD WIRE WOUND POWER INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSS0316P-2R2N Datasheet(HTML) 1 Page - Frontier Electronics.

  CSS0316P-2R2N Datasheet HTML 1Page - Frontier Electronics. CSS0316P-2R2N Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSS0316P Series
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Rev. A
A. Electrical Specifications:
P/N
Marking
Inductance
(μH)
Test Freq.
(KHz)
DCR Max.
(m
Ω)
Rated Current
(mA)
CSS0316P-1R5N
1R5
1.5
100
52
1550
CSS0316P-2R2N
2R2
2.2
100
72
1200
CSS0316P-3R3N
3R3
3.3
100
85
1100
CSS0316P-4R7N
4R7
4.7
100
105
900
CSS0316P-6R8N
6R8
6.8
100
170
730
CSS0316P-100N
100
10.0
100
210
550
CSS0316P-150N
150
15.0
100
295
450
CSS0316P-220N
220
22.0
100
430
400
CSS0316P-330N
330
33.0
100
675
320
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
i
k
CSS0316P
3.8
(0.150)
3.8
(0.150)
1.80
(0.071)
Ø2.1
(0.083)
4.4
(0.173)
1.1
(0.043)
1.5
(0.059)
2.4
(0.094)
1.4
(0.055)
5.2
(0.205)
Tol.
±0.2
(0.008)
±0.2
(0.008)
Max.
±0.1
(0.004)
±0.2
(0.008)
±0.2
(0.008)
Typ.
Typ.
Typ.
Typ.
C.
General Information:
1. CSS0316P-xxx_, “CSS0316P” = P/N, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_”: N: ± 30%, M: ± 20%, L= ± 15%.
3. Operating temperature range: -30ºC to +100ºC (Including self-heating).
4. Storage temperature: -40ºC to +85ºC.
5. Inductance measured using the HP4284A and Chroma1320 & 3302.
6. DCR measured using Chroma 16502 milliohm meter.
7. Inductance drop no more than 35% of initial value at Isat, temperature rise
∆t < 40ºC at rated current.
8. Inductance and Current range: From 1.5 µH (1550mA) to 33.0 µH (320mA).
9. MSL: Level 1.
D. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
5. Mobile Communication Devices (Cell Phones, Radios, etc.)
6. PDA, LCD, DVD, BRP, HD.
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - CSS0316P-2R2N

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSS0316P-2R2N FRONTIER-CSS0316P-2R2N Datasheet
174Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results

Similar Description - CSS0316P-2R2N

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSM0310D-1R0M FRONTIER-CSM0310D-1R0M Datasheet
186Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSM0418D-1R0M FRONTIER-CSM0418D-1R0M Datasheet
160Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS054D-100M FRONTIER-CSS054D-100M Datasheet
202Kb / 1P
SMD WIRE WOUND POWER INDUCTORS
CSS063D-100M FRONTIER-CSS063D-100M Datasheet
188Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS0211P-1R5N FRONTIER-CSS0211P-1R5N Datasheet
174Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS0218P-2R2M FRONTIER-CSS0218P-2R2M Datasheet
173Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS0418P-1R0L FRONTIER-CSS0418P-1R0L Datasheet
185Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSMH0312D FRONTIER-CSMH0312D Datasheet
208Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS1050P FRONTIER-CSS1050P Datasheet
216Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
logo
Shanghai Leiditech Elec...
WSPA8040S LEIDITECH-WSPA8040S Datasheet
1Mb / 5P
Wire Wound SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com