Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPI-211 Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # KPI-211
Description  Photointerrupter(Transmissive)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KPI-211 Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  KPI-211 Datasheet HTML 1Page - KODENSHI_AUK CORP. KPI-211 Datasheet HTML 2Page - KODENSHI_AUK CORP. KPI-211 Datasheet HTML 3Page - KODENSHI_AUK CORP. KPI-211 Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Respo nse t ime m easure ment circu it
Opt ical Axis( X)
Metho d of measur ing p ositi on
d etect ion ch aract erist ic
Ambie nt tem perat ure(T a)
40
20
(℃)
60
V = 5V
I =20 mA
CE
F
90%
10%
tf
V
V
C
I
RL
OUT
CC
F orward Curr ent(I )
F orward volt age(V )
Ta=25˚
1 .5
( V)
F
2 .0
0
0
10
1
2
C
3
4
(㎃)
40
20
F
30
(m A)
V = 5V
Ta=25˚
CE
C
Moving dist ance( L)
0
0
-2
50
1 00
(%) X
+2
-2
+2
0
(m m)
CC
V =5V
CC
V =5V
C
F
I =10mA
Ta=25˚
I =10mA
Ta=25˚
C
F
Y
Forward current Vs.
Forward voltage
Light current Vs.
Forward current
Relative light current Vs.
Ambient temperature
Relative light current Vs.
Moving distance
Forward voltage( VF)
Forward Current( IF )
Ambient temperature( Ta )
Moving distance( L )
detection characteristic
Method of measuring position
Response time measurement circuit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com