Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPI-511 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KPI-511
Description  Photointerrupter(Transmissive)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KPI-511 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KPI-511 Datasheet HTML 1Page - KODENSHI_AUK CORP. KPI-511 Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photointerrupter(Transmissive)
2/2
KPI-511
10
Road Resistance(R )
10
2
10
3
10
1
L
10
Ω
( )
4
tf
tr
2
10
3
(㎲)
CC
V =5V
Ta=25˚
I =10mA
F
C
0
0
50
100
(%)
detection characteristic
Method of measuring position
Optical Axis(X)
Response time measurement circuit
+
-
0
Output
Input
Input
tf
tr
td
V
IC
L
R
10%
90%
OUT
CC
V
(℃)
20
Ambient temperature(Ta)
-20
0
40
60
I =20mA
CE
V =5V
F
Ambient temper ature( Ta)
60
0
0
40
20
50
80 (℃)
0
0
50
100
(㎽)
100
(㎃)
(V)
Forward voltage(V )
0.5
1.0
F
1.5
2.0
C
Ta=25˚
(%) X
0
50
100
+2
Moving distance(L)
0
+2
-2
0
-2
(mm)
V =5V
Ta=25˚
I =10mA
Ta=25˚
I =10mA
C
F
V =5V
CC
CC
F
Y
C
I =40mA
Collector-Emitter Voltage(V )
0
0
3
2
1
10 12
8
6
4
2
I =20mA
I =10mA
I =30mA
F
F
F
F
(V)
CE
Ta=25˚
5
4
(㎃)
I =50mA
F
C
30
40
20
10
0
(mA)
Forward Current(I )
F
2
1
0
(㎃)
4
3
C
CE
Ta=25˚
V =5V
Collector power dissipation Vs.
Ambient temparature
Forward current Vs.
Forward voltage
Light current Vs.
Forward current
Light current Vs.
Collentor-Emitter voltage
Relative light current Vs.
Ambient temperature
Dark current Vs.
Ambient temperature
Switching time Vs.
Load resistance
Ambient temperature(Ta)
Forward voltage( VF)
Forward Current( IF )
Collector-Emitter Voltage( VCE )
Ambient temperature( Ta )
Load Resistance( RL )
Moving distance( L )
detection characteristic
Method of measuring position
Response time measurement circuit
Optical Axis(X)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com