Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDS100-02 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LEDS100-02
Description  Industrial LED ECO Beacons
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEDS100-02 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LEDS100-02 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Code No:
Voltage:
Light Source:
Current:
LEDS100-01
8-20v Ac/Dc ~
8 SMT LEDs
430mA l
LEDS100-02
20-30v Ac/Dc ~
8 SMT LEDs
110mA ll
LEDS100-03
48v Ac ~
8 SMT LEDs
tba
LEDS100-05
40-380v Dc ---
8 SMT LEDs
35mA lll
85-280v Ac ~
l
at 12v Dc
ll
at 24v Dc
lll
at 230v Ac
01 02 04
ADD THE FOLLOWING LENS CODES TO THE PRODUCT WHEN ORDERING
50/60
-25+55
IP 65
160
Kg
Features
Material
The LEDS 100 economy series is
suitable for light commercial &
industrial signalling applications
where local indication is required.
These beacons have two selectable
stages of alarm, flashing or continuous
(static) mode, selectable by a jumper link
on the PCB. The design also allows for
a third wire connection giving flexibility
to switch from a pre-set static mode to
flashing.
The LED ECO range has been designed
predominantly to offer a cost effective
solution against more traditional
incandescent types of lamps, whether
through new plant and machinery
installations or existing facility upgrades.
This design allows for termination inside
the enclosure through the base of the
beacon, either from directly below or
using a 6mm cabling channel at 90o to
the base for surface cabling. The LEDS
version incorporates two mounting studs
2 x 5mm on 45mm centres.
Industrial LED ECO Beacons >
LEDS 100 Series
Product overview
LEDS 100 Series > Ordering Information
UV Stable Polycarbonate Lens
UV Stable ABS Plastic Base
0.14
Hz
o
C
FPM
APPROVALS and
CONFORMITIES
• Continuously rated
• LED long life
• Low current consumption
• Suitable for surface or wall mounting
• Optional wall bracket & guard
available - see accessories
• 2 stud fix
• 360o light output around
the vertical axis
• Dustproof and Weatherproof
---
INDUSTRIAL
45 Stud
Centr
es
Side knockout for
cable entry if required
Flush mount
cable channel
Ø6
Cable
entry hole
6mm
Ø72mm
Ø65mm
2 x M5 Studs
---
Visual Signals - Industrial
LED ECO BEACONS


Similar Part No. - LEDS100-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEDS1-3-26 ETC2-LEDS1-3-26 Datasheet
57Kb / 1P
LED SPACERS
logo
Richco, Inc.
LEDS1-4-26 RICHCO-LEDS1-4-26 Datasheet
57Kb / 1P
LED SPACERS
logo
List of Unclassifed Man...
LEDS1-4-26 ETC2-LEDS1-4-26 Datasheet
57Kb / 1P
LED SPACERS
logo
Richco, Inc.
LEDS1-6-26 RICHCO-LEDS1-6-26 Datasheet
57Kb / 1P
LED SPACERS
logo
List of Unclassifed Man...
LEDS1-6-26 ETC2-LEDS1-6-26 Datasheet
57Kb / 1P
LED SPACERS
More results

Similar Description - LEDS100-02

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM20-17 AXTAL-AXIOM20-17 Datasheet
60Kb / 2P
OCXO for Cospas-Sarsat Beacons
2007-10-17
logo
List of Unclassifed Man...
51A-G1 ETC2-51A-G1 Datasheet
556Kb / 2P
Beacons with Horn Flashing Incandescent
LED-TLM-02 ETC2-LED-TLM-02 Datasheet
3Mb / 1P
Industrial LED ECO Beacons
LED-TLM-AUD-02 ETC2-LED-TLM-AUD-02 Datasheet
1Mb / 1P
Industrial LED-TLM Eco Tower Light
logo
WAGO Kontakttechnik Gmb...
852-112 WAGO-852-112 Datasheet
415Kb / 7P
Industrial-ECO-Switch; 8-port 100Base-TX; black
852-111 WAGO-852-111 Datasheet
590Kb / 7P
Industrial-ECO-Switch; 5-port 100Base-TX; black
852-1411 WAGO-852-1411 Datasheet
351Kb / 7P
Industrial-ECO-Switch; 5-port 1000Base-T; Extended temperature range
852-1112 WAGO-852-1112 Datasheet
738Kb / 8P
Industrial-ECO-Switch; 8-Port 1000BASE-T; black
852-1111 WAGO-852-1111 Datasheet
598Kb / 7P
Industrial-ECO-Switch; 5-port 1000Base-T; black
852-1411-000-001 WAGO-852-1411-000-001 Datasheet
494Kb / 6P
Industrial-ECO-Switch; 5-port 1000Base-T; 4 * Power over Ethernet
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com